Selected language     English  ▼


STN2610D Datasheet(PDF) 3 Page - Stanson Technology

Part No. STN2610D
Description  N Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANSON [Stanson Technology]
Homepage  http://www.stansontech.com
Logo 

   
 3 page
background image
STN2610D
N Channel Enhancement Mode MOSFET
50.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN2610D 2009. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250mA
60
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=48V,VGS=0V
1
uA
VDS=48V,VGS=0V
TJ=55℃
5
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=20A
VGS=4.5V,ID=20A
10
12
12
14
Forward
Transconductance
gfs
VDS=5V,ID=20A
12
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VGS=10V,VDS=30V
ID≡10A
40
59
nC
Gate-Source Charge
Qgs
5.9
9
Gate-Drain Charge
Qgd
8.8
14
Input Capacitance
Ciss
VDS =25V,VGS=0V
F=1MHz
2100 3050
pF
Output Capacitance
Coss
165
240
Reverse
TransferCapacitance
Crss
80
120
Turn-On Time
td(on)
tr
VDD=15V,RG= 6Ω
VGS=10V,ID=1A
9
18
nS
29
54
Turn-Off Time
td(off)
tf
45.3
86
11
21




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl