Selected language     English  ▼


UTMSE05ECO11111G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part No. UTMSE05ECO11111G
Description  Eco Series Unidirectional Single Channel Tap Monitor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 1 page
background image
CONTACT 46335 Landing Pkwy Fremont CA 94538 TEL : +1 (510) 933-7200 FAX : +1 (510) 933-7300 EMAIL : Sales@Oplink.com www.OPLINK.com
S0459 - R01 (web) 20140814
Key Features
Parameters
Specification
Unit
Operating Wavelength Range
1260~1360
1510~1610
nm
Through
Insertion Loss
(@ λ
Op, TOp, All SOP, exclude
connector)
2%
5%
10%
≤ 0.5
≤ 0.7
≤ 1.0
dB
Polarization Dependent Loss
≤ 0.05
dB
Return loss (exclude connector)
≥ 45
dB
Tapped
Monitoring
Responsivity
(relative to nominal power at input
port)
2%
5%
10%
10~23
26~59
52~110
14~25
35~65
70~120
mA/W
Responsivity Polarization Dependence
≤ 0.15
dB
Directivity [1]
≥ 25
dB
PD
PD Dark Current (@ 70°C, -5V bias)
≤ 5
nA
Bandwidth (50 ohm, 5V, -3dB)
≥ 1
Reverse Voltage
≤ 20
V
Forward Current
≤ 5
mA
Conditions
Input Optical Power
2%
5%
10%
≤ 21
≤ 16
≤ 12
dBm
Operating Temperature Range
(<85%RH, non-condensing)
0 to +70
°C
Storage Temperature Range
(<85%RH, non-condensing)
-40 to +85
°C
Fiber Type
Corning SMF-28
Applications
Performance Specificationns
Ordering Informationns
Dimensions
Functional Diagram
P3 Package with Bare Fiber :
Input
Output
PD
Notes: [1] Directivity is defined as -10 log(ℜ
Out→PD / ℜIn→PD) where ℜ stands for responsivity.
*All spec excluding connectors. The maximum IL is under all states of polarization and within the full operating temperature
and wavelength ranges specified.
Eco Series Unidirectional Single Channel
Tap Monitor
UTMS Eco Series
Detect optical signal from one direction
Wide band, low IL, low dark current
Hermetically sealed photodiode
RoHS 6
EDFAs and Raman Amplifiers
Optical Protection
ROADM
Instrumentation
Tap Ratio
2/98 = 02
5/95 = 05
10/90 = 10
Wavelength
Package & Fiber Type
Fiber Length
P3+250µm bare fiber = 11
0.5meter = H
1.0meter = 1
1.5meter = 5
2.0meter = 2
Output
Connector
Input
Connector
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/SPC = 9
MU = A
LC/APC = B
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/SPC = 9
MU = A
LC/APC = B
1310/1550nm = D
1310nm = 3
C+L band = E
G
O
E
C
UTMS




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl