Electronic Components Datasheet Search
Selected language     English  ▼


GPDD013K_17 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part No. GPDD013K_17
Description  Low profile ceramic package, Spot welding applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 1 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPDD013K.pdf
GPDD013K
RECTIFIER DIODE
Low profile ceramic package
Spot welding applications
Electroplating applications
VOLTAGE UP TO
400 V
AVERAGE CURRENT
13600 A
SURGE CURRENT
85 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
400 V
VRSM
Non-repetitive peak reverse voltage
500 V
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
50 mA
FORWARD CHARACTERISTICS
IF(AV)
Average forward current
Sine wave,180° conduction, Tc = 70°C
13600 A
IF(RMS)
R.M.S. forward current
Sine wave,180° conduction, Tc = 70°C
21363 A
IFSM
Surge forward current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
85 kA
I²t
I² t for fusing coordination
36125 kA²s
VF(TO)
Threshold voltage
Tj = Tjmax
0.74 V
rF
Forward slope resistance
Tj = Tjmax
0.018 m
W
VFM
Peak forward voltage, max
Forward current IF = 8000 A, Tj = Tjmax
0.9 V
SWITCHING CHARACTERISTICS
Qrr
Rverse recovery charge, typ
Tj = Tjmax, IF = 1000 A, di/dt = -30 A/µs
µC
Irr
Reverse recovery current
VR = 50 V
A
trr
Reverse recovery time
µs
VFP
Forward recovery voltage
Tj = Tjmax, di/dt = 100 A/µs
V
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.006 °C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.003 °C/W
Tjmax
Max operating junction temperature
180 °C
Tstg
Storage temperature
-40 / 180 °C
F
Clamping force ± 10%
35 kN
Mass
220 g
Document GPDD013KT002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl