Selected language     English  Ôľ╝


GPDD013K_17 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part No. GPDD013K_17
Description  Low profile ceramic package, Spot welding applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 2 page
background image
RECTIFIER DIODE
GPDD013K
Ordering information GPDD013K-VV
VV: blocking voltage / 100 (e.g. 04 for 400V)
Document GPDD013KT002
0
10
20
30
40
50
60
70
80
90
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.001
0.01
0.1
1
10
100
Time [s]
Thermal Impedance (j-c)
0
5000
10000
15000
20000
25000
0.4
0.6
0.8
1
1.2
1.4
V
F [V]
Forward voltage drop
Tj=Tjmax
60
80
100
120
140
160
180
200
0
2500
5000
7500
10000 12500 15000
I
F [A]
Current rating - sine wave
180
┬░
90
┬░
120
┬░
60
┬░
30
┬░
0
4000
8000
12000
16000
20000
0
2500
5000
7500
10000 12500 15000
I
F [A]
Power loss - sine wave
180
┬░
120
┬░
90
┬░
60
┬░
30
┬░
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl