Selected language     English  Ôľ╝


GPDG1157 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part No. GPDG1157
Description  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 2 page
background image
RECTIFIER DIODE
GPDG1157
Ordering information GPDG1157-VV
VV: blocking voltage / 100 (e.g. 08 for 800V)
Document GPDG1157T002
0
2
4
6
8
10
12
14
16
18
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.001
0.01
0.1
1
10
100
Time [s]
Thermal Impedance (j-c)
0
500
1000
1500
2000
2500
3000
3500
0.5
0.75
1
1.25
1.5
1.75
V
F [V]
Forward voltage drop
Tj=Tjmax
50
70
90
110
130
150
170
190
210
0
200
400
600
800 1000 1200 1400 1600
I
F [A]
Current rating - sine wave
180
┬░
120
┬░
60
┬░
30
┬░
90
┬░
0
500
1000
1500
2000
2500
3000
0
200
400
600
800 1000 1200 1400 1600
I
F [A]
Power loss - sine wave
180
┬░
120
┬░
90
┬░
60
┬░
30
┬░
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl