Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDG3115 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GPDG3115
Description  Low profile ceramic package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDG3115 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GPDG3115_17 Datasheet HTML 1Page - Green Power Solutions srl GPDG3115_17 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPDG3115.pdf
GPDG3115
RECTIFIER DIODE
Low profile ceramic package
VOLTAGE UP TO
2200 V
AVERAGE CURRENT
1150 A
SURGE CURRENT
14 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
2200
V
VRSM
Non-repetitive peak reverse voltage
2300
V
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
30
mA
FORWARD CHARACTERISTICS
IF(AV)
Average forward current
Sine wave,180° conduction, Th = 55°C
1150
A
IF(RMS)
R.M.S. forward current
Sine wave,180° conduction, Th = 55°C
1806
A
IFSM
Surge forward current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
14
kA
I²t
I² t for fusing coordination
980
kA²s
VF(TO)
Threshold voltage
Tj = Tjmax
0.925
V
rF
Forward slope resistance
Tj = Tjmax
0.258
m
W
VFM
Peak forward voltage, max
Forward current IF = 1200 A, Tj = Tjmax
1.235
V
SWITCHING CHARACTERISTICS
Qrr
Rverse recovery charge, typ
Tj = Tjmax, IF = 2000 A, di/dt = -5 A/µs
µC
Irr
Reverse recovery current
VR = 100 V
A
trr
Reverse recovery time
µs
VFP
Forward recovery voltage
Tj = Tjmax, di/dt =
A/µs
V
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.038
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.012
°C/W
Tjmax
Max operating junction temperature
150
°C
Tstg
Storage temperature
-40 / 150
°C
F
Clamping force ± 10%
9
kN
Mass
110
g
Document GPDG3115T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Similar Part No. - GPDG3115_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDG3115 GPSEMI-GPDG3115_12 Datasheet
128Kb / 2P
   RECTIFIER DIODE
More results

Similar Description - GPDG3115_17

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH1 MMD-MSH1 Datasheet
583Kb / 2P
   Low Profile Ceramic SMD Package
logo
EUROQUARTZ limited
CX-1-03AT EUROQUARTZ-CX-1-03AT Datasheet
93Kb / 1P
   Low profile, hermetically sealed ceramic package
logo
Green Power Solutions s...
GPDC0799 GPSEMI-GPDC0799_17 Datasheet
275Kb / 2P
   Low profile ceramic package, Spot welding applications
GPDD012K GPSEMI-GPDD012K_17 Datasheet
282Kb / 2P
   Low profile ceramic package, Spot welding applications
GPDD013K GPSEMI-GPDD013K_17 Datasheet
283Kb / 2P
   Low profile ceramic package, Spot welding applications
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
   Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com