Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDP2350 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GPDP2350
Description  RECTIFIER E DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDP2350 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GPDP2350_17 Datasheet HTML 1Page - Green Power Solutions srl GPDP2350_17 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPDP2350.pdf
GPDP2350
RECTIFIER E DIODE
VOLTAGE UP TO
1800 V
AVERAGE CURRENT
3500 A
SURGE CURRENT
35 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
1800
V
VRSM
Non-repetitive peak reverse voltage
1900
V
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tjmax
75
mA
FORWARD CHARACTERISTICS
IF(AV)
Average forward current
Sine wave,180° conduction, Th = 55°C
3500
A
IF(AV)
Average forward current
Sine wave,180° conduction, Tc = 85°C
2975
A
IFSM
Surge forward current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
35
kA
I²t
I² t for fusing coordination
6125
kA²s
VF(TO)
Threshold voltage
Tj = Tjmax
0.79
V
rF
Forward slope resistance
Tj = Tjmax
0.09
m
W
VFM
Peak forward voltage, max
Forward current IF = 4000 A, Tj = 25°C
1.20
V
SWITCHING CHARACTERISTICS
Qrr
Rverse recovery charge, typ
Tj = Tjmax, IF = 2000 A, di/dt = -5 A/µs
µC
Irr
Reverse recovery current
VR = 100 V
A
trr
Reverse recovery time
µs
VFP
Forward recovery voltage
Tj = Tjmax, di/dt =
A/µs
V
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.020
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.002
°C/W
Tjmax
Max operating junction temperature
175
°C
Tstg
Storage temperature
-40 / 175
°C
F
Clamping force ± 10%
22
kN
Mass
500
g
Document GPDP2350T003
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Similar Part No. - GPDP2350_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDP2350 GPSEMI-GPDP2350_13 Datasheet
142Kb / 2P
   RECTIFIER E DIODE
More results

Similar Description - GPDP2350_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDP2350 GPSEMI-GPDP2350_13 Datasheet
142Kb / 2P
   RECTIFIER E DIODE
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com