Selected language     English  Ôľ╝


GPDR4460_17 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part No. GPDR4460_17
Description  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

   
 2 page
background image
RECTIFIER DIODE
GPDR4460
Ordering information GPDR4460-VV
VV: blocking voltage / 100 (e.g. 40 for 4000V)
Document GPDR4460T003
0
5
10
15
20
25
30
35
40
45
50
1
10
100
Number of cycle current pulses [n]
Maximum surge current
d.s. cooled
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.001
0.01
0.1
1
10
100
Time [s]
Thermal Impedance (j-c)
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.5
1
1.5
2
2.5
V
F [V]
Forward voltage drop
Tj=Tjmax
50
70
90
110
130
150
170
0
2000
4000
6000
I
F [A]
Current rating - sine wave
180
┬░
90
┬░
120
┬░
60
┬░
30
┬░
0
2000
4000
6000
8000
10000
12000
0
2000
4000
6000
I
F [A]
Power loss - sine wave
180
┬░
120
┬░
90
┬░
60
┬░
30
┬░
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
dimensions mm




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl