Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV163APWTE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LV163APWTE4
Description  4BIT SYNCHRONOUS BINARY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV163APWTE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV163APWTE4 Datasheet HTML 5Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 6Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 7Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 8Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 9Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 10Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 11Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 12Page - Texas Instruments SN74LV163APWTE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SN54LV163A, SN74LV163A
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS405F − APRIL 1998 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV163A
SN74LV163A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
115*
40*
40
MHz
fmax
CL = 50 pF
30
90
25
25
MHz
Q
8.5*
16.2*
1*
19.5*
1
19.5
tpd
CLK
RCO
(count mode)
CL = 15 pF
9.1*
17*
1*
20.5*
1
20.5
ns
tpd
CLK
RCO
(preset mode)
CL = 15 pF
12.1*
20.6*
1*
24.5*
1
24.5
ns
ENT
RCO
8.7*
15.7*
1*
19*
1
19
Q
11
19.2
1
22.5
1
22.5
tpd
CLK
RCO
(count mode)
CL = 50 pF
11.9
20
1
23.5
1
23.5
ns
tpd
CLK
RCO
(preset mode)
CL = 50 pF
14.6
23.6
1
27.5
1
27.5
ns
ENT
RCO
11.7
18.7
1
22
1
22
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV163A
SN74LV163A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
80*
160*
70*
70
MHz
fmax
CL = 50 pF
55
125
50
50
MHz
Q
6.2*
12.8*
1*
15*
1
15
tpd
CLK
RCO
(count mode)
CL = 15 pF
6.8*
13.6*
1*
16*
1
16
ns
tpd
CLK
RCO
(preset mode)
CL = 15 pF
8.8*
17.2*
1*
20*
1
20
ns
ENT
RCO
6.5*
12.3*
1*
14.5*
1
14.5
Q
8
16.3
1
18.5
1
18.5
tpd
CLK
RCO
(count mode)
CL = 50 pF
8.8
17.1
1
19.5
1
19.5
ns
tpd
CLK
RCO
(preset mode)
CL = 50 pF
10.7
20.7
1
23.5
1
23.5
ns
ENT
RCO
8.2
15.8
1
18
1
18
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV163APWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV163APWT TI1-SN74LV163APWT Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - SN74LV163APWTE4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC161AP TOSHIBA-TC74HC161AP_07 Datasheet
644Kb / 15P
   Binary, Synchronous Clear
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com