Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA720 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SA720
Description  TO-92 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA720 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA720 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA720 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA720 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA720 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.1
-1
-10
1
10
100
-10
-100
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
-0
-3
-6
-9
-12
-15
-0
-50
-100
-150
-200
-250
-10
-100
10
100
1000
-1
-10
-100
-0.1
-1
-1
-10
-100
-10
-100
-1000
-0.0
-0.3
-0.6
-0.9
-1.2
-0.1
-1
-10
-100
-20
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V
R
(V)
-500
-500
-5
COMMON EMITTER
V
CE=-10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
-3
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
-0.3mA
-0.4mA
-0.5mA
-0.6mA
-0.8mA
-1.0mA
-0.9mA
-0.7mA
COMMON
EMITTER
T
a=25
-0.2mA
I
B=-0.1mA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON EMITTER
V
CE= -10V
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
-500
I
C
f
T
——
h
FE
——
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
-2
-0.3
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-10V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE (V)
-500
www.cj-elec.com
2
,
,2015
Typical Characteristics


Similar Part No. - 2SA720

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA720 PANASONIC-2SA720 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency power amplification and driver amplification)
2SA720 PANASONIC-2SA720 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SA720 PANASONIC-2SA720 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
logo
List of Unclassifed Man...
2SA720 ETC1-2SA720 Datasheet
49Kb / 1P
   Si PNP Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SA720 SECOS-2SA720 Datasheet
512Kb / 3P
   PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SA720

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com