Electronic Components Datasheet Search
Selected language     English  β–Ό


2SA812 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA812
Description  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 2 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
250
-400
-600
-800
-1000
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-400
-600
-800
-1000
-0.1
-1
-10
1
10
-1
-10
-100
-10
-100
-1
-10
-100
0
100
200
300
400
500
600
-0
-2
-4
-6
-8
-0
-1
-2
-3
-4
AMBIENT TEMPERATURE Ta ( )
℃
Pc
β€”β€”
Ta
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=-6V
BASE-EMMITER VOLTAGE V
BE
(mV)
V
BE
I
C
β€”β€”
I
C
f
T
β€”β€”
COMMON EMITTER
V
CE=-6V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
h
FE
β€”β€”
Ξ²=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
β€”β€”
COLLECTOR CURRENT I
C
(mA)
20
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
-20
V
CB
/ V
EB
C
ob
/ C
ib
β€”β€”
I
C
V
CEsat
β€”β€”
Ta=25℃
Ta=100℃
Ξ²=10
-200
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-6V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
COMMON EMITTER
T
a=25
℃
-9uA
-8.1uA
-7.2uA
-6.3uA
-5.4uA
-4.5uA
-3.6uA
-2.7uA
-1.8uA
I
B=-0.9uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
C,Oct,2014
Typical Characteristics




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl