Selected language     English  ā–¼


2SA836 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA836
Description  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 2 page
background image
www.cj-elec.com

($XJ
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -0.01mA,IE=0
-55
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-55
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.01mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-18V,IE=0
-0.1
A
Emitter cut-off current
IEBO
VEB=-2V,IC=0
-0.05
A
DC current gain
hFE
VCE=-12V, IC=-2mA
160
500
Collector-emitter saturation voltage
VCE(sat)
IC=-10mA,IB=-1mA
-0.5
V
Base-emitter voltage
VBE
VCE=-12V, IC=-2mA
-0.75
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
4
pF
Transition frequency
fT
VCE=-12V,IC=-2mA
150
MHz
CLASSIFICATION OF hFE
RANK
C
D
RANGE
160-320
250-500




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl