Selected language     English  β–Ό


2SA836 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part No. 2SA836
Description  TO-92 Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Homepage  http://www.cj-elec.com/index.asp
Logo 

   
 3 page
background image
-2
-4
-6
-8
-10
10
100
-0.1
-1
-10
-100
-0
-200
-400
-600
-800
-1000
0
25
50
75
100
125
150
0
100
200
300
-0.1
-1
-10
-100
-10
-100
-1000
-1
-10
-100
10
100
1000
-0.1
-1
-10
1
10
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
-0
-2
-4
-6
-8
-10
-12
-14
-0
-1
-2
-3
-4
-5
-6
-7
-8
-0.3
500
I
C
f
T
β€”β€”
COMMON EMITTER
V
CE=-12V
T
a=25
COLLECTOR CURRENT I
C
(mA)
=10
I
C
V
BEsat
β€”β€”
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
P
C
β€”β€”
T
a
AMBIENT TEMPERATURE T
a
( )
3000
T
a=100
T
a=25
=10
I
C
V
CEsat
β€”β€”
COLLECTOR CURREMT I
C
(mA)
I
C
h
FE
β€”β€”
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= -12V
-30
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
β€”β€”
C
ob
C
ib
REVERSE VOLTAGE V (V)
50
BASE-EMITER VOLTAGE V
BE (mV)
I
C
β€”β€”
V
BE
COMMON EMITTER
V
CE=-12V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-20uA
-18uA
-16uA
-14uA
-12uA
-10uA
-4uA
-6uA
-8uA
I
B=-2uA
Typical Characteristics
ZZZFMHOHFFRP
($XJ




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl