Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-2045 Datasheet(PDF) 5 Page - Stanford Microdevices

Part # SPM-2045
Description  High Linearity Passive FET Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SPM-2045 Datasheet(HTML) 5 Page - Stanford Microdevices

  SPM-2045 Datasheet HTML 1Page - Stanford Microdevices SPM-2045 Datasheet HTML 2Page - Stanford Microdevices SPM-2045 Datasheet HTML 3Page - Stanford Microdevices SPM-2045 Datasheet HTML 4Page - Stanford Microdevices SPM-2045 Datasheet HTML 5Page - Stanford Microdevices SPM-2045 Datasheet HTML 6Page - Stanford Microdevices SPM-2045 Datasheet HTML 7Page - Stanford Microdevices SPM-2045 Datasheet HTML 8Page - Stanford Microdevices SPM-2045 Datasheet HTML 9Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
5
EDS102972 Rev A
Preliminary Data Sheet
SPM-2045 High Linearity Mixer
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
RF Freq. MHz
LO
Freq.
MHz
Input Intercept, dBm
Down-converter
17dBm LO
34-36
32-34
30-32
28-30
26-28
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
RF Freq. MHz
LO
Freq.
MHz
Conversion Loss, dB
Down-converter
17dBm LO
10.5-11
10-10.5
9.5-10
9-9.5
8.5-9
8-8.5
7.5-8
7-7.5
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
RF Freq. MHz
LO
Freq.
MHz
Input Intercept, dBm
Up-converter
17dBm LO
30-32
28-30
26-28
24-26
22-24
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
RF Freq. MHz
LO
Freq.
MHz
Conversion Loss, dB
Up-converter
17dBm LO
10.5-11
10-10.5
9.5-10
9-9.5
8.5-9
8-8.5
7.5-8
7-7.5
TOI vs. Temperature
RF=1950MHz, L0=1800MHz, 17dBm
30
30.5
31
31.5
32
-50
-30
-10
10
30507090
Temperature
Insertion Loss vs. Temperature
RF=1950MHz, L0=1800MHz, 17dBm
7
7.5
8
8.5
9
-50
-30
-10
10305070
90
Temperature
The contour graphs show mixer input TOI and conversion loss over a variety of RF and LO frequencies. These contour
graphs can be used to assess the suitability of these mixers over a variety of frequencies of operation. Note that constant
IF frequency curves can be overlaid as diagonal lines. Also shown are graphs of TOI and insertion loss vs. temperature.
These curves were measured down-converter mode.


Similar Part No. - SPM-2045

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-2100AWG OPTOWAY-SPM-2100AWG Datasheet
169Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100AWG OPTOWAY-SPM-2100AWG Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100BWG OPTOWAY-SPM-2100BWG Datasheet
169Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100BWG OPTOWAY-SPM-2100BWG Datasheet
169Kb / 5P
   10.3 Gb/s Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-2100G OPTOWAY-SPM-2100G Datasheet
169Kb / 5P
   3.3V / 850 nm / 10.3 Gb/s SFP LC Multi-Mode TRANSCEIVER
More results

Similar Description - SPM-2045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
   High Linearity Passive FET Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
   High Linearity GaAs FET Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com