Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3218BI2B Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3218BI2B
Description  High-End 18-Bit Sensor Signal Conditioner
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3218BI2B Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3218BI2B Datasheet HTML 1Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 2Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 3Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 4Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 5Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 6Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 7Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 8Page - Integrated Device Technology ZSSC3218BI2B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
High-End 18-Bit Sensor Signal
Conditioner
ZSSC3218
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Applications
Barometric altitude measurement for
portable navigation or emergency call
systems
Altitude measurement for car navigation
Weather forecast
Fan control
Industrial, pneumatic, and liquid pressure
High-resolution temperature measurements
Object-temperature radiation (via thermopile)
ZSSC3218
Block Diagram
Sales Code
Description
Package
ZSSC3218BI1B
Die—temperature range: –40°C to +85 °C; thickness 304µm
Unsawn wafer
ZSSC3218BI2B
Die—temperature range: –40°C to +85 °C; thickness 725µm
(w/o backlapping)
Unsawn wafer
ZSSC3218BI3R ES
PQFN24—temperature range: –40°C to +85 °C; engineering
samples
Packaged die
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sensor
Bridge
AGND / CM
Generator
Bias Current
Generator
Power-ON
Reset
Temperature
Reference
Sensor
DSP Core
(Calculations,
Communication)
MTP
System
Control
Unit
Pre-
Amplifier
VTP
VTN
EOC
INP
INN
VDD
VSSB
Oscillator
Clock
Generator
SPI
I²C
TM
SCLK/SCL
MISO
MOSI/SDA
SS
VSS
Voltage
Regulator
Power Ctr.
Vreg int
A
D
18 Bit
VDDB
ZSSC3218
RES


Similar Part No. - ZSSC3218BI2B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218BI2B RENESAS-ZSSC3218BI2B Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3218BI2B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
ZSSC3224 RENESAS-ZSSC3224 Datasheet
1Mb / 48P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Integrated Device Techn...
ZSSC3224 IDT-ZSSC3224 Datasheet
1Mb / 51P
   High End 24-Bit Sensor Signal Conditioner IC
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3018 IDT-ZSSC3018 Datasheet
1Mb / 50P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com