Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3170EE1C Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSSC3170EE1C
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3170EE1C Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSSC3170EE1C Datasheet HTML 7Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 8Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 9Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 10Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 11Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 12Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 13Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 14Page - Integrated Device Technology ZSSC3170EE1C Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
11
May 30, 2016
1.4
Interface Characteristics
Table 1.4
Interface Characteristics
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1
I
2C™ Interface
1.4.1.1
Input High Level
1)
VI2C_IN_H
0.8
VDDA
1.4.1.2
Input Low Level
1)
VI2C_IN_L
0.2
VDDA
1.4.1.3
Output Low Level
1)
VI2C_OUT_L
Open drain output current:
< 2mA
0.15
VDDA
1.4.1.4
SDA Load Capacity
1)
CSDA
400
pF
1.4.1.5
SCL Clock Frequency
1)
fSCL
400
kHz
1.4.1.6
Internal Pull-Up Resistor
1)
RI2C
25
100
k
W
1.4.2
One-Wire Interface at HOUT and LOUT (LIN Protocol)
1.4.2.1
Input Low Level
1)
VOWI_IN_L
1
V
1.4.2.2
Input High Level
1)
VOWI_IN_H
4
V
1.4.2.3
Start Window
1)
tSTART_WIN
At fOSC = 2MHz
30
ms
1)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
1.5
EEPROM
Table 1.5
EEPROM
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.5.1
Write Cycles
nEEP_WRI_85
TAMB < 85°C
1000
nEEP_WRI_150
TAMB < 150°C
100
1.5.2
Read Cycles
nEEP_RD
8 * 10
8
1.5.3
Data Retention
tEEP_RET
100000h@55°C
+ 27000h@125°C
+ 3000h@150°C
15
a
1.5.4
Programming Time
tEEP_WRI
Per written word,
at fOSC = 2MHz
12
ms


Similar Part No. - ZSSC3170EE1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3170EE1C RENESAS-ZSSC3170EE1C Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
More results

Similar Description - ZSSC3170EE1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
   Automotive Sensor Signal Conditioner with LIN Interface
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
   Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com