Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S23 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # S23
Description  Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

S23 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  S23 Datasheet HTML 1Page - Fairchild Semiconductor S23 Datasheet HTML 2Page - Fairchild Semiconductor S23 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS22-S210, Rev. C
SS22 - S210
Schottky Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
2001 Fairchild Semiconductor Corporation
Features
Glass passivated junctions.
High current capability, low V
F
.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
SMB/DO-214AA
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Device
Units
22
23
24
25
26
28
29
210
V
F
Forward Voltage @ 2.0 A
500
700
850
mV
IR
Reverse Current @ rated V
R
T
A = 25°C
T
A = 100°C
0.4
10
mA
mA
*Device mounted on FR-4 PCB 0.013 mm.
Symbol
Parameter
Value
Units
22
23
24
25
26
28
29
210
VRRM
Maximum Repetitive Reverse Voltage
20
30
40
50
60
80
90
100
V
IF(AV)
Average Rectified Forward Current
.375 " lead length @ TA = 75°C
2.0
A
I
FSM
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
50
A
T
stg
Storage Temperature Range
-65 to +150
°C
T
J
Operating Junction Temperature
-65 to +125
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
PD
Power Dissipation
1.3
W
RθJA
Thermal Resistance, Junction to Ambient *
75
°C/W


Similar Part No. - S23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S23 ETC2-S23 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S23 RFE-S23 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
UMPCO, Inc.
S230 UMPCO-S230 Datasheet
137Kb / 1P
   CLAMP, LOOP, SUPPORT, CUSHIONED, 1/4" MOUNTING HOLE
logo
Molex Electronics Ltd.
S2300-HZX050163 MOLEX11-S2300-HZX050163 Datasheet
902Kb / 3P
   Hazardous Location Stanchion Light, Quartz Halogen,16-3 Cord with 15A Plug
logo
HuaXinAn Electronics CO...
S2300EA HUAXINAN-S2300EA Datasheet
293Kb / 6P
   SIDACtor Protection Thyristors
More results

Similar Description - S23

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Motorola, Inc
MBR040 MOTOROLA-MBR040 Datasheet
159Kb / 2P
   Schottky rectifiers
logo
Central Semiconductor C...
CSHDD16-40C CENTRAL-CSHDD16-40C_15 Datasheet
557Kb / 2P
   SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32_01 Datasheet
53Kb / 3P
   Schottky Rectifiers
logo
Dongguan City Niuhang E...
K22-NH-E-OK NIUHANG-K22-NH-E-OK Datasheet
1Mb / 3P
   SCHOTTKY RECTIFIERS
MBR2020CT NIUHANG-MBR2020CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
   SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
   SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
   SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com