Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENW89829C2JF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ENW89829C2JF
Description  Panasonic Industrial Devices Europe GmbH
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ENW89829C2JF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ENW89829C2JF Datasheet HTML 5Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 6Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 7Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 8Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 9Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 10Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 11Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 12Page - Panasonic Semiconductor ENW89829C2JF Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
CLASSIFICATION
PRODUCT SPECIFICATION
No.
DS-13xx-2400-102
REV.
4.9
SUBJECT
CLASS 1 or 2 BLUETOOTH MODULE
PAGE
9 of 60
CUSTOMER’S CODE
PAN13XX Core Specification
PANASONIC’S CODE
See Chapter Ordering Information
DATE
09.03.2017
PANASONIC INDUSTRIAL DEVICES EUROPE GMBH
www.pideu.panasonic.de
5.1.2 5.1.2. Terminal Layout PAN132x with antenna
17
15
13
14
11
9
8
6
5
3
2
21
22
10
4
16
Pad = 28 x 0.60mm x 0.60mm
Top View
9.00
0,55
20
23
1
24
19
18
12
7
A
C
B
D
No
Pin Name
Pull at
Reset
Def.
Dir.
5
I/O Type
6
Description of Options (Common)
A
GND
Connect to Ground
B
GND
Connect to Ground
C
GND
Connect to Ground
D
GND
Connect to Ground
No 1-24 see above in Chapter 5.1.1. Except PIN 13 is not connected. For RF conducted
measurements, either use the PAN1323ETU or de-solder the antenna and solder an
antenna connector to the hot pin.
5 I = input; O = output; IO = bidirectional; P = power; PU = pulled up; PD = pulled down
6 I/O Type: Digital I/O cells. HY = input hysteresis, current = typ. output current


Similar Part No. - ENW89829C2JF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ENW89811J4CF PANASONIC-ENW89811J4CF Datasheet
664Kb / 2P
   Bluetooth-Module PAN1321
ENW89815A3KF PANASONIC-ENW89815A3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
ENW89854C1KF PANASONIC-ENW89854C1KF Datasheet
1Mb / 41P
   Low Energy Module
Rev. 1.0
ENW89854C2KF PANASONIC-ENW89854C2KF Datasheet
1Mb / 41P
   Low Energy Module
Rev. 1.0
More results

Similar Description - ENW89829C2JF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
KR16TT090610 PANASONIC-KR16TT090610 Datasheet
202Kb / 6P
   Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
logo
Panasonic Battery Group
KC PANASONICBATTERY-KC Datasheet
194Kb / 1P
   Industrial MLC (Multi Level Cell) NAND with Reliable Panasonic Controller
logo
Panasonic Semiconductor
EZAEG2A50AX PANASONIC-EZAEG2A50AX Datasheet
892Kb / 6P
   Panasonic ESD Suppressors
logo
Panasonic Battery Group
FX PANASONICBATTERY-FX Datasheet
203Kb / 1P
   Industrial SLC (Single Level Cell) NAND with Reliable Panasonic Controller
SHH43C72RAU PANASONICBATTERY-SHH43C72RAU Datasheet
49Kb / 1P
   SPECIFICATION OF PANASONIC COMPRESSOR
logo
Panasonic Semiconductor
AN80T05 PANASONIC-AN80T05 Datasheet
991Kb / 12P
   Panasonic Semiconductor Singapore A Division of Panasonic Semiconductor Asia Pte Ltd
logo
CUI INC
SMI-EU-3L CUI-SMI-EU-3L Datasheet
407Kb / 2P
   EUROPE BLADE
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com