Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3170EE2T Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSSC3170EE2T
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3170EE2T Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSSC3170EE2T Datasheet HTML 6Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 7Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 8Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 9Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 10Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 11Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 12Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 13Page - Integrated Device Technology ZSSC3170EE2T Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
10
May 30, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7.17
Duty Cycle 4
D4
THRec(min) = 0.389 * VB;
THDom(min) = 0.251 * VB;
VB = 7.6 to 18V; tBit = 96µs;
D4 = tBUS_rec(max)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.590
-
1.3.8
System Response
1.3.8.1
Start-Up Time
1)
tSTART
Until first valid output;
fOSC = 2MHz
30
ms
1.3.8.2
Response Time
LIN_Mode;
Typical LIN
Configuration
4)
tRESP_
LIN_2_14_5
fOSC = 2.2MHz; 14-bit
resolution; LIN Mode;
100% final value
(see Table 2.5)
3.6
ms
1.3.8.3
Response Time PWM
Mode; Typical PWM
Configuration
5)
tRESP_
PWM_2_14_2
fOSC = 1.8MHz; 14-bit
resolution; PWM Mode;
100% final value
(see Table 2.4)
20
ms
1.3.8.4
Overall Error AFE
6), 7)
(fOSC = 2MHz, XZC off;
no sensor related errors;
relative to digital value)
FAFE_85
TAMB: -20°C to 85°C
0.25
%FS
FAFE_125
TAMB: -40°C to 125°C
0.5
%FS
FAFE_150
TAMB: -40°C to 150°C
1.0
%FS
1)
No measurement in mass production; parameter is guaranteed by design and/or quality observation.
2)
In PWM Mode with Low-Side Switch (LSS) and PWM Mode with High-Side Switch (HSS), the sensor connection check (SCC) and the sensor short
check (SSC) diagnostics are
available only for ZSSC3170 silicon revision “F” and any subsequent revisions
3)
For complete specification, see the ZSSC3170 LIN Interface Description.
4)
2-step A/D conversion (ADCORD=1), 14-bit resolution (ADCRES=1), resolution 2nd conversion step 5-bit (ADCMODE=11)
5)
2-step A/D conversion (ADCORD=1), 14-bit resolution (ADCRES=1), resolution 2nd conversion step 2-bit (ADCMODE=00)
6)
Deviation from ideal line including INL, gain, offset, and temperature errors.
7)
With XZC active: additional total error of max. 25ppm/K at XZC = 31. Error decreases linearly at XZC < 31.


Similar Part No. - ZSSC3170EE2T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3170EE2T RENESAS-ZSSC3170EE2T Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
More results

Similar Description - ZSSC3170EE2T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
   Automotive Sensor Signal Conditioner with LIN Interface
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
   Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com