Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3170EA1B Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSSC3170EA1B
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3170EA1B Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSSC3170EA1B Datasheet HTML 4Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 5Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 6Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 7Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 8Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 9Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 10Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 11Page - Integrated Device Technology ZSSC3170EA1B Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
8
May 30, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.5
A/D Conversion (see section 2.3.3)
1.3.5.1
ADC Resolution
1)
rADC
14
Bit
1.3.5.2
DNL
1)
DNLADC
rADC = 14-bit, fOSC = 2MHz,
best fit, complete AFE;
see 1.3.5.4 for ADCINP_R.
0.95
LSB
1.3.5.3
INL
INLADC
rADC = 14-bit, fOSC = 2MHz,
best fit, complete AFE;
see 1.3.5.4 for ADCINP_R.
8
LSB
1.3.5.4
ADC Input Range
ADCINP_R
See 1.3.1.4 for VVBR.
10
90
%
VVBR
1.3.6
PWM Output (Pins HOUT and LOUT)
2)
1.3.6.1
Output High Level
– HSS;
HOUT Pin
VHSS_H
ISOURCE = 15mA,
VB
 8.8V to VSSE
4
V
1.3.6.2
Output Low Level
– LSS;
LOUT Pin
VLSS_L
ISINK = 12mA to VSSE
0.5V
V
1.3.6.3
Leakage Current
LOUT Pin
ILEAK_LOUT
Sink; high level at LOUT
50
µA
1.3.6.4
Rise Time HSS
1)
tHSS_RISE
VHOUT = 0.5V4V
15
µs
1.3.6.5
Slew Rate HSS
1)
SRHSS
VHOUT = 0.5V4V
2
V/µs
1.3.6.6
Fall Time LSS
1)
tLSS_FALL
VLOUT = 4V0.5V
15
µs
1.3.6.7
Slew Rate LSS
1)
SRLSS
VLOUT = 4V0.5V
-2
V/µs
1.3.6.8
PWM Full-Scale
Resolution
1)
rPWM_FS
D = 1% to 99 %
11
Bit
1.3.6.9
Duty Cycle
1)
D
Adjustable with 8-bit
resolution
1
99
%
1.3.7
LIN Interface
– Main Parameters
3)
(All voltages related to VSS; RVBAT_LIN Power Supply Line Resistance = 500Ω)
1.3.7.1
Output Low Level
Transmitter
VLIN_L
0.6
1.2
2.0
V
1.3.7.2
Output High Level
Transmitter
VLIN_H
Driver off
0.9
1
VB
1.3.7.3
Output Current
ILIN_L
Sink; driver on
40
90
200
mA
1.3.7.4
Pull-Up Resistance
RLIN_PU
In series with diode to VB
20
30
47
k
W
1.3.7.5
Input Current LIN
Recessive,
Overvoltage at LIN
ILINPASrec
-
40°C ≤ TAMB ≤ 125°C;
VLIN  VB; 7V  VB  18V;
7V
 V
LIN  18V; driver off
3
20
µA
125°C ≤ TAMB ≤ 150°C;
VLIN  VB; 7V  VB  18V;
7V
 V
LIN  18V; driver off
3
50
µA


Similar Part No. - ZSSC3170EA1B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3170EA1B RENESAS-ZSSC3170EA1B Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
More results

Similar Description - ZSSC3170EA1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
   Automotive Sensor Signal Conditioner with LIN Interface
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
   Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com