Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3170EA1C Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZSSC3170EA1C
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3170EA1C Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZSSC3170EA1C Datasheet HTML 5Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 6Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 7Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 8Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 9Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 10Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 11Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 12Page - Integrated Device Technology ZSSC3170EA1C Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
9
May 30, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7.6
Input Current LIN
Dominant
ILINPASdom
VLIN = 0V; VB = 12V;
driver off
-1
mA
1.3.7.7
Input Current LIN
Recessive,
No GND for Bus
ILIN_NOGND
0V
 V
LIN  18V;
VGND = VVB; VB = 12V
-1
1
mA
1.3.7.8
Input Current LIN
No GND for Bus
ILIN_LOSTVB
-
40°C ≤ TAMB ≤ 125°C;
VGND = VSUP = 0V;
0V
 V
LIN  18V
3
20
µA
125°C ≤ TAMB ≤ 150°C;
VGND = VSUP = 0V;
0V
 V
LIN  18V
3
50
µA
1.3.7.9
Slew Rate
3)
SRLIN
Rising and falling edges,
transmit and receive
0.5
1.3
3
V/µs
1.3.7.10
Input Low Level Receiver
VRECL
0.4
VB
1.3.7.11
Input High Level Receiver
VRECH
0.6
VB
1.3.7.12
Input Hysteresis Receiver
VRECHYS
VRECHYS = VRECH - VRECL
0.08
0.12
VB
1.3.7.13
Input Center Point
Receiver
VBUS_CNT
VBUS_CNT = (VRECL + VRECH)/2
0.475
0.5
0.525
VB
1.3.7.14
Duty Cycle 1
D1
THRec(max) = 0.744 * VB;
THDom(max) = 0.581 * VB;
VB = 7.0 to 18V; tBit = 50µs;
D1 = tBUS_rec(min)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.396
-
1.3.7.15
Duty Cycle 2
D2
THRec(min) = 0.422 * VB;
THDom(min) = 0.284 * VB;
VB = 7.6 to 18V; tBit = 50µs;
D1 = tBUS_rec(max)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.581
-
1.3.7.16
Duty Cycle 3
D3
THRec(max) = 0.778 * VB;
THDom(max) = 0.616 * VB;
VB = 7.0 to 18V; tBit = 96µs;
D3 = tBUS_rec(min)/(2 * tBit)
(See ZSSC3170 LIN
Interface Description
for details.)
0.417
-


Similar Part No. - ZSSC3170EA1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3170EA1C RENESAS-ZSSC3170EA1C Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
More results

Similar Description - ZSSC3170EA1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
   Automotive Sensor Signal Conditioner with LIN Interface
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
logo
Analog Devices
ADA4558 AD-ADA4558 Datasheet
385Kb / 12P
   Bridge Sensor Signal Conditioner IC with LIN Interface, Nonlinearity Correction, Temperature Compensation
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com