Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC4175BE2 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ZSSC4175BE2
Description  Sensor Signal Conditioner Family
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC4175BE2 Datasheet(HTML) 3 Page - Integrated Device Technology

  ZSSC4175BE2 Datasheet HTML 1Page - Integrated Device Technology ZSSC4175BE2 Datasheet HTML 2Page - Integrated Device Technology ZSSC4175BE2 Datasheet HTML 3Page - Integrated Device Technology ZSSC4175BE2 Datasheet HTML 4Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sensor Signal Conditioner Family
ZSSC416x /
ZSSC417x
Feature Sheet
© 2016 Integrated Device Technology, Inc.
3
April 24, 2016
Product Options
BRIDGE SENSOR APPLICATIONS
VOLTAGE SOURCE SENSOR APPLICATIONS (e.g., Thermocouples)
ZSSC4161
Single full or half bridge; basic internal and/or
external temperature measurements; SENT or
I²C
TM interface; OWI option for calibration
ZSSC4171
Single thermocouple interface; supports N-type thermo-
couples; additional thermocouple types on request;
diagnostics for thermocouples; internal temperature
sensor for cold-junction temperature compensation;
SENT or I²C
TM interface; OWI option for calibration
ZSSC4162
Single full or half bridge; extended temperature
measurement options (i.e., internal sensor,
external diode, and/or RTD; math support for
NTC temperature sensors); SENT or I²C
TM
interface; OWI option for calibration
ZSSC4175
Dual thermocouple interface; supports N-type thermo-
couples; additional thermocouple types on request;
diagnostics for thermocouples; internal temperature
sensor for cold-junction temperature compensation;
SENT or I²C
TM interface; OWI option for calibration
ZSSC4165
Dual full or half bridge; extended temperature
measurement options; SENT or I²C
TM interface;
OWI option for calibration
Typical Applications for ZSSC416x/ZSSC417x: Pressure sensors, strain gauges, thermocouple temperature, NTC/PTC RTD temperature
sensors, temperature sensing via the bridge, and more.
Ordering Information (Contact IDT for die options)
Sales Code
Description
Package
ZSSC4161BE2
ZSSC4161 QFN24, single bridge input,
SENT or I²C
TM output interface, basic internal and/or
external temperature measurement, operating temperature: -40 to 150°C
Add R for 13” reel or
W for 7” reel
ZSSC4162BE2
ZSSC4162 QFN24, single bridge input,
SENT or I²C
TM output interface, extended temperature
measurement options, operating temperature: -40 to 150°C
Add R for 13” reel or
W for 7” reel
ZSSC4165BE2
ZSSC4165 QFN24, dual bridge input, SENT
or I²C
TM output interface, extended temperature
measurement options, operating temperature: -40 to 150°C
Add R for 13” reel or
W for 7” reel
ZSSC4171BE2
ZSSC4171 QFN24, single voltage source sensor input, SENT
or I²C
TM output interface, internal
temperature measurement, support for N-type thermocouples, operating temperature: -40 to 150°C
Add R for 13” reel or
W for 7” reel
ZSSC4175BE2
ZSSC4175 QFN24, dual voltage source sensor inputs, SENT
or I
2C™ output interface, internal
temperature measurement, support for N-type thermocouples, operating temperature: -40 to 150°C
Add R for 13” reel or
W for 7” reel
ZSSC416xKITV1.4 ZSSC416x SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, 5 samples. Software is avail-
able through your IDT sales representative or field applications engineer with an IDT Non-Disclosure Agreement (NDA).
ZSSC417xKITV1.4 ZSSC417x SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, 5 samples. Software is avail-
able through your IDT sales representative or field applications engineer with an IDT Non-Disclosure Agreement (NDA).
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer pro ducts. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, in cluding, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not co nvey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries . Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.


Similar Part No. - ZSSC4175BE2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC4175BE2 IDT-ZSSC4175BE2 Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
More results

Similar Description - ZSSC4175BE2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSSC4161 IDT-ZSSC4161 Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com