Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDLV-45A-60 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # IDLV-45A-60
Description  45W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDLV-45A-60 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  IDLV-45A-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDLV-45A-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDLV-45A-60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDLV-45A-60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDLV-45A-60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDLV-45A-60 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
45W PWM Output LED Driver
I D LV- 4 5 series
File Name:IDLV-45-SPEC 2017-07-21
IDLV-45 -12
IDLV-45 -24
IDLV-45 -36
IDLV-45 -48
IDLV-45 -60
SPECIFICATION
MODEL
OUTPUT
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
47 ~ 63Hz
105 ~ 115%
Protection type : Hiccup mode, recovers automatically after fault condition is removed
20 ~ 90% RH non-condensing
-40 ~ +80℃, 10 ~ 95% RH
±0.03%/℃ (0 ~ 40℃)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
ENVIRONMENT
SAFETY &
EMC
PROTECTION
EMC IMMUNITY
EMC EMISSION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
TOTAL HARMONIC DISTORTION
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
±10%
0~100%
84%
86%
88%
88%
90%
0.6A / 115VAC
0.4A / 230VAC
0.3A / 277VAC
<0.75mA / 277VAC
120*75*25mm (L*W*H)
0.22Kg;54pcs/13Kg/ 0.93CUFT
SHORT CIRCUIT
Shut down O/P voltage, re
-power on to recovery
DIMMING RANGE
DC VOLTAGE
RATED POWER
SETUP TIME Note.3
VOLTAGE TOLERANCE
VOLTAGE RANGE Note.2
1KHz(±20%)
500ms / 230VAC 1200ms/115VAC
12V
24V
36V
48V
60V
3.0A
1.88A
1.25A
0.94A
36W
45.12W
45W
45.12W
0.75A
45W
PWM FREQUENCY (Typ.)
AUXILIARY DC OUTPUT Note.4 Nominal 12V(deviation 11.4~12.6)@50mA for A-Type only
(Please refer to "STATIC CHARACTERISTIC" section)
90 ~ 295VAC
127 ~ 417VDC
PF>0.95/115VAC, PF>0.92/230VAC, PF>0.9/277VAC@full load
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
THD< 20%(@load≧60%/115VAC,230VAC; @load≧75%/277VAC)
(Please refer to “TOTAL HARMONIC DISTORTION” section)
COLD START 30A(twidth=150 s measured at 50% Ipeak) at 230VAC
μ
; Per NEMA 410
<0.5W for Blank-Type, <1.2W for A-Type
NO LOAD POWER CONSUMPTION
WORKING TEMP.
MAX. CASE TEMP.
Tcase=-20 ~ +85℃ (Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
Tcase=+85℃
UL8750,CSA C22.2 NO.250.13-12;ENEC EN61347-1 & EN61347-2-13 independent, EN62384,GB19510.1,GB19510.14 approved
Compliance to EN55015, EN61000-3-2 Class C (@load≧60%) ; EN61000-3-3,GB17743,GB17625.1
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge immunity:Line-Line:1KV)
1.Allparameters NOT speciallymentionedaremeasuredat230VAC input,ratedcurrentand25℃ ofambienttemperature.
2.De-ratingmaybeneededunderlowinputvoltages.Pleasereferto“STATIC CHARACTERISTIC”sectionsfordetails.
3.Lengthofsetuptimeismeasuredatcoldfirststart.Turning ON/OFF thedrivermayleadtoincreaseofthesetuptime.
4.ThereisnodesignofshortcircuitprotectionfortheAuxiliary DC output;thisfunctioncannotbeusedwhendimminginputterminals(DIM+,DIM-)
areshortcircuitorwhenitisnoloadorshortcircuitatoutput(Vo+,Vo-).
5.Thedriverisconsideredasacomponentthatwillbeoperatedincombinationwithfinalequipment.Since EMC performancewillbe
affectedbythecompleteinstallation,thefinalequipmentmanufacturersmustre-qualify EMC Directiveonthecompleteinstallationagain.
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
32 units (circuit breaker of type B) / 32 units (circuit breaker of type C) at 230VAC
RATED CURRENT
386.59Khrs min.
MIL-HDBK-217F (25℃)


Similar Part No. - IDLV-45A-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-12 MEANWELL-IDLV-25-12 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-24 MEANWELL-IDLV-25-24 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-36 MEANWELL-IDLV-25-36 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-48 MEANWELL-IDLV-25-48 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
More results

Similar Description - IDLV-45A-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com