Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDLV-65-36 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # IDLV-65-36
Description  65W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

IDLV-65-36 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  IDLV-65-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. IDLV-65-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. IDLV-65-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. IDLV-65-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. IDLV-65-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. IDLV-65-36 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
File Name:IDLV-65-SPEC 2017-05-03
IDLV-65 series
65W PWM Output LED Driver
DIMMING OPERATION
※ 2 in 1 dimming function
◎ Applying additive 0 ~ 10VDC
◎ Applying additive 10V PWM signal (frequency range 300Hz~3KHz):
Vo+
Vo-
DIM+
DIM-
+
+
+
-
-
-
“DO NOT connect "DIM-
to Vo-
Additive Voltage
Vo+
Vo-
DIM+
DIM-
+
+
-
-
“DO NOT connect "DIM-
to Vo-
Additive PWM signal
0V 1V
2V
3V
4V
5V
6V
7V
8V
9V 10V
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Dimming input: Additive voltage
Duty cycle of additive 10V PWM signal dimming input
DIM+
DIM-
ACN
ACL
TB1
ACN
ACL
Vo+
Vo-
TB2
※ Dimming principle for PWM style output
Dimming is achieved by varying the duty cycle of the output current.
Note : 1. Min. duty cycle of output current is about 8% and the output current is not defined when 0%< out<8%.
I
2. The duty cycle of output current could drop down to 0% when dimming input is about 0Vdc or 10V PWM signal with 0% duty cycle.
ON
OFF
TON
T
Output DC current
Io=0A
Output PWM frequency : 1KHz( 20%)
±
Duty cycle(%) =
×100%
TON
T


Similar Part No. - IDLV-65-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-12 MEANWELL-IDLV-25-12 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-24 MEANWELL-IDLV-25-24 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-36 MEANWELL-IDLV-25-36 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
IDLV-25-48 MEANWELL-IDLV-25-48 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
More results

Similar Description - IDLV-65-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
ODLV-65 MEANWELL-ODLV-65 Datasheet
195Kb / 6P
   65W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com