Electronic Components Datasheet Search |
|
IDPC-65A-1750 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd. |
|
IDPC-65A-1750 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd. |
4 / 6 page DIMMING OPERATION ※ 2 in 1 dimming function 65W Constant Current Mode LED Driver Output constant current level can be adjusted by applying one of the two methodologies between DIM+ and DIM-: 0 ~ 10VDC, or 10V PWM signal. Direct connecting to LEDs is suggested. It is not suitable to be used with additional drivers. ◎ Applying additive 0 ~ 10VDC ◎ Applying additive 10V PWM signal (frequency range 300Hz ~ 3KHz): Note : 1. Min. dimming level is about 8% and the output current is not defined when 0%< out<8%. I 2. The output current could drop down to 0% when dimming input is about 0Vdc or 10V PWM signal with 0% duty cycle. Vo+ Vo- DIM+ DIM- + + + - - - “DO NOT connect "DIM- ” to Vo- Additive Voltage Vo+ Vo- DIM+ DIM- + + - - “DO NOT connect "DIM- ” to Vo- Additive PWM signal 0V 1V 2V 3V 4V 5V 6V 7V 8V 9V 10V 10% 0% 20% 30% 40% 50% 60% 70% 80% 90% 100% 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 10% 0% 20% 30% 40% 50% 60% 70% 80% 90% 100% Dimming input: Additive voltage Duty cycle of additive 10V PWM signal dimming input S S P P + ACN ACL TB1 ACN ACL Vo+ DIM+(DA+) TB2 Vo- DIM-(DA-) ※ DALI Interface (primary side; for DA-Type) Apply DALI signal between DA+ and DA- . DALI protocol comprises 16 groups and 64 addresses. First step is fixed at 8% of output. IDPC-65 series File Name:IDPC-65-SPEC 2017-05-03 |
Similar Part No. - IDPC-65A-1750 |
|
Similar Description - IDPC-65A-1750 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |