Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPFH-60-24 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # LPFH-60-24
Description  60W Constant Voltage Constant Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPFH-60-24 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  LPFH-60-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPFH-60-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPFH-60-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPFH-60-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LPFH-60-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LPFH-60-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL SPECIFICATION
Case No. LPF-60
Unit:mm
LPFH-60 series
File Name:LPFH-60-SPEC 2016-12-23
162.5
300±20
300±20
UL1015 18AWG
AC/L(Black)
AC/N(White)
UL1015 18AWG
25
Vo+(Red)
Vo-(Black)
3.5
ψ
3.6
3.5
ψ
3.6
3.5
INSTALLATION MANUAL
60W Constant Voltage + Constant Current LED Driver
tc
: Max. Case Temperature
tc
Please refer to : http://www.meanwell.com/manual.html


Similar Part No. - LPFH-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60D-12 MEANWELL-LPFH-60D-12 Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60D-15 MEANWELL-LPFH-60D-15 Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60D-24 MEANWELL-LPFH-60D-24 Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60D-36 MEANWELL-LPFH-60D-36 Datasheet
131Kb / 8P
   60W Constant Current LED Driver
More results

Similar Description - LPFH-60-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
logo
Vitec Power
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA60JU-SERIES Vitec-ILPA60JU-SERIES Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
logo
Inventronics Inc.
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
   60W Constant Current IP54 Driver
Rev. A
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
logo
Mean Well Enterprises C...
HBG-160 MEANWELL-HBG-160_19 Datasheet
2Mb / 9P
   160W Constant Voltage Constant Current LED Driver
LPF-25 MEANWELL-LPF-25 Datasheet
537Kb / 6P
   25W Constant Voltage Constant Current LED Driver
ELG-300-24A MEANWELL-ELG-300-24A Datasheet
117Kb / 6P
   300W Constant Voltage Constant Current LED Driver
ELG-300 MEANWELL-ELG-300 Datasheet
535Kb / 6P
   300W Constant Voltage Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com