Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPFH-60D-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPFH-60D-36
Description  60W Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPFH-60D-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPFH-60D-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LPFH-60D-36 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TOTAL HARMONIC DISTORTION
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
7 units (circuit breaker of type B) / 12 units (circuit breaker of type C) at 347VAC
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
Note.5
OUTPUT
SETUP TIME Note.6
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER VOLTAGE
OVER TEMPERATURE
700ms / 230VAC,277VAC; 500ms / 347VAC
200 ~ 400VAC
282 ~ 565VDC
47 ~ 63Hz
COLD START 40A(twidth=550 s measured at 50% Ipeak) at 347VAC
μ; Per NEMA 410
<0.75mA / 347VAC
20 ~ 95% RH non-condensing
-40 ~ +90
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
162.5*43*32mm (L*W*H)
0.45Kg; 32pcs / 15.4Kg / 0.93CUFT
Shut down o/p voltage, auto-recovery or re-power on to recovery
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Shut down o/p voltage, auto-recovery or re-power on to recovery
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed.
0.4A / 230VAC,277VAC
0.32A / 347VAC
ISOLATION RESISTANCE
SAFETY STANDARDS
WITHSTAND VOLTAGE
I/P-O/P:3.0KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
Compliance to FCC part 15 Subpart B (@load
60%)
EMC EMISSION
UL8750
, CSA C22.2 No. 250.0-08, IP67 approved
(type”HL”)
File Name:LPFH-60D-SPEC 2016-12-23
LPFH-60D series
EMC IMMUNITY
Compliance to IEC61000-4-2,4,5; light industry level (surge immunity : Line-Line:2KV)
12V
7.2 ~12V
15V
9 ~ 15V
24V
14.4 ~ 24V
36V
21.6 ~ 36V
48V
28.8 ~ 48V
5A
4A
2.5A
1.67A
1.25A
60W
60W
60W
60.12W
60W
86%
87%
89%
90%
90%
54V
32.4 ~ 54V
1.12A
60.48W
42V
25.2 ~ 42V
1.43A
60.06W
90%
90%
15 ~ 17V
17.5 ~ 21V
28 ~ 35V
41 ~ 49V
54 ~ 63V
46 ~ 54V
59 ~ 66V
LPFH-60D-12
LPFH-60D-15
LPFH-60D-24
LPFH-60D-36
LPFH-60D-42
LPFH-60D-48
LPFH-60D-54
CONSTANT CURRENT REGION Note.2
60W Constant Current LED Driver
(Please refer to "STATIC CHARACTERISTIC" section)
PF
0.95/230VAC, 277VAC, PF
0.92/347VAC@full load
≧≧
(Please refer to "POWER FACTOR (PF) CHARACTERISTIC" section)
THD< 20%(@load 60%/230VC,277VAC; @load 75%/347VAC)
≧≧
(Please refer to “TOTAL HARMONIC DISTORTION(THD)” section)
MAX. CASE TEMP.
Tcase=+90
Tcase=-40 ~ +90
(Please refer to “ OUTPUT LOAD vs TEMPERATURE” section)
CURRENT TOLERANCE
CURRENT RIPPLE
±5.0%
5.0% max. @rated current
1. All parameters NOT specially mentioned are measured at 230VAC input, rated
and 25 of ambient temperature.
current
2. Please refer to "DRIVING METHODS OF LED MODULE".
3. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
4. Tolerance : includes set up tolerance, line regulation and load regulation.
5. Length of set up time is measured at first cold start. Turning ON/OFF the driver may lead to increase of the set up time.
6. The driver is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. This series meets the typical life expectancy of >50,000 hours of operation when Tcase, particularly tc point (or TMP, per DLC), is about 70 or less.
8. Please refer to the warranty statement on MEAN WELL's website at http://www.meanwell.com
1267.7K hrs min.
Telcordia SR-332 (Bellcore) ;
343.9Khrs min.
MIL-HDBK-217F (25
)


Similar Part No. - LPFH-60D-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-12 MEANWELL-LPFH-60-12 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-15 MEANWELL-LPFH-60-15 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-24 MEANWELL-LPFH-60-24 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
LPFH-60-36 MEANWELL-LPFH-60-36 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
More results

Similar Description - LPFH-60D-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
Vitec Power
ILPA60JU-SERIES Vitec-ILPA60JU-SERIES Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Inventronics Inc.
LUR-060SXXXST INVENTRONICS-LUR-060SXXXST Datasheet
354Kb / 8P
   60W Constant Current IP54 Driver
Rev. A
EUC-060SXXXST INVENTRONICS-EUC-060SXXXST Datasheet
534Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EUC-060SXXXSV INVENTRONICS-EUC-060SXXXSV Datasheet
526Kb / 7P
   60W Constant Current IP67 Driver
Rev. M
EBC-060SXXXDV-000X INVENTRONICS-EBC-060SXXXDV-000X Datasheet
998Kb / 10P
   60W Constant Current IP67 Driver
Rev. D
logo
Mean Well Enterprises C...
LCM-60 MEANWELL-LCM-60 Datasheet
311Kb / 12P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60IOT MEANWELL-LCM-60IOT Datasheet
1Mb / 9P
   60W Wireless Lighting Constant Current LED Driver Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com