Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS01L-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # MDS01L-15
Description  1W SIP Package DC-DC Medical Grade Unregulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDS01L-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  MDS01L-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDS01L-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDS01L-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDS01L-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDS01L-15 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
File Name:MDS01,MDD01-SPEC 2017-07-14
1W SIP Package DC-DC Medical Grade Unregulated Converter
MDS01 & MDD01 series
All dimensions in mm(inch)
Tolerance:x.x
0.25mm(
0.01")
±±
x.xx
x.xx
0.10mm(
0.004")
x.xxx
±±
Pin pitch tolerance:
0.05mm (
0.002")
±±
Mechanical Specification
EMC Suggestion
Front
View
Bottom View
19.5(0.77)
0.5(0.02)
12
5
6
7
2.13
0.5
±
(0.084
0.02)
±
15.24(0.6)
2.54(0.1)
4.1(0.161)
Vin
LOAD
LDM
GND
DC/ DC
C1
C2
C
3
+Vin
-Vin
+ out
V
-Vout
Recommended typical circuit parameters:
EMC typical recommended circuit (Class B)
Table 1
Table 2
Input voltage (V)
Single Vout
C3( F)
μ
Dual Vout
C3( F)
μ
3.3/5V
10
±5V
4 7 F
.
μ
12V
2.2
±9V
2.2 F
μ
15V
1
±12V 15V
/
1F
μ
3.3/5/12/15/24
EMI
4.7 F/50V
μ
C1,C2
See table 2
6.8 F
μ
C3
LDM


Similar Part No. - MDS01L-15

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDS001 ITT-MDS001 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
logo
C&K Components
MDS001C CK-COMPONENTS-MDS001C Datasheet
122Kb / 3P
   Micro Snap-acting Detect Switches
logo
ITT Industries
MDS002 ITT-MDS002 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
logo
C&K Components
MDS002C CK-COMPONENTS-MDS002C Datasheet
122Kb / 3P
   Micro Snap-acting Detect Switches
logo
ITT Industries
MDS003 ITT-MDS003 Datasheet
263Kb / 3P
   Micro Snap-acting Detect Switches
More results

Similar Description - MDS01L-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com