Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDD02M-05 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # MDD02M-05
Description  2W SIP Package DC-DC Medical Grade Unregulated Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MDD02M-05 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  MDD02M-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MDD02M-05 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
File Name:MDS02,MDD02-SPEC 2017-07-14
2W SIP Package DC-DC Medical Grade Unregulated Converter
MDS02 & MDD02 series
All dimensions in mm(inch)
Tolerance:x.x
0.25mm(
0.01")
±±
x.xx
x.xx
0.10mm(
0.004")
x.xxx
±±
Pin pitch tolerance:
0.05mm (
0.002")
±±
Mechanical Specification
EMC Suggestion
Front
View
Bottom View
19.5(0.77)
0.5(0.02)
12
5
6
7
2.13
0.5
±
(0.084
0.02)
±
15.24(0.6)
2.54(0.1)
4.1(0.161)
Vin
LOAD
LDM
GND
DC/ DC
C1
C2
C
3
+Vin
-Vin
+ out
V
-Vout
Recommended typical circuit parameters:
EMC typical recommended circuit (Class B)
Table 1
Table 2
Input voltage (V)
Single Vout
C3( F)
μ
Dual Vout
C3( F)
μ
3.3/5V
10 F
μ
±5V
4 7 F
.
μ
12V
2.2 F
μ
±9V
2.2 F
μ
15V
1 F
μ
±12V 15V
/
1F
μ
3.3/5/12/15/24
EMI
4.7 F/50V
μ
C1,C2
See table 2
6.8 F
μ
C3
LDM
Plug Assignment
Pin-Out
Pin No.
1
2
5
7
6
+Vin
-Vin
-Vout
No pin
+Vout
+Vin
-Vin
-Vout
Common
+Vout
MDS02
(Single output)
MDD02
(Dual output)


Similar Part No. - MDD02M-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDD01 MEANWELL-MDD01 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-05 MEANWELL-MDD01L-05 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-09 MEANWELL-MDD01L-09 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-12 MEANWELL-MDD01L-12 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
MDD01L-15 MEANWELL-MDD01L-15 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
More results

Similar Description - MDD02M-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
   1W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com