Electronic Components Datasheet Search |
|
MFM-10-3.3 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
MFM-10-3.3 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 4 page M F M - 1 0 series SPECIFICATION SPECIFICATION MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE Note.2 RATED POWER OUTPUT LINE REGULATION LOAD REGULATION SETUP, RISE TIME HOLD UP TIME (Typ.) VOLTAGE RANGE Note.6 FREQUENCY RANGE EFFICIENCY (Typ.) INPUT INRUSH CURRENT (Typ.) WITHSTAND VOLTAGE ISOLATION RESISTANCE WORKING HUMIDITY WORKING TEMP. OVER TEMPERATURE STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVER VOLTAGE AC CURRENT (Typ.) 20 ~ 90% RH non-condensing -30 ~ +85℃ (Refer to "Derating Curve") -40 ~ +100℃, 10 ~ 95% RH non-condensing ±0.03%/℃ (0 ~ 50℃) 10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes 1756.2Khrs min. MIL-HDBK-217F (25℃) SAFETY STANDARDS RIPPLE & NOISE (max.) Note.4 VOLTAGE TOLERANCE Note.5 ENVIRONMENT SAFETY & EMC (Note 9) PROTECTION Protection type : Shut off o/p voltage, clamping by zener diode Protection type : Shut down o/p voltage, recovers automatically after temperature goes down I/P-O/P:4KVAC I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH LEAKAGE CURRENT (max.) Note.7 ISOLATION LEVEL Primary-Secondary: 2xMOPP Parameter Parameter ESD Radiated EFT / Burst Surge Conducted Magnetic Field Voltage Dips and Interruptions Conducted Radiated Harmonic Current Voltage Flicker Standard Standard EN55011 (CISPR11) EN55011 (CISPR11) EN61000-3-2 EN61000-3-3 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 EN61000-4-8 EN61000-4-11 Test Level / Note Test Level / Note Class B Class B Class A ----- EMC IMMUNITY EMC EMISSION EN55024 , EN60601-1-2, EN61204-3 Level 3, 8KV air ; Level 4, 8KV contact Level 3 Level 3 Level 2, 1KV/Line-Line Level 3 Level 4 100% dip 1 periods, 30% dip 25 periods, 100% interruptions 250 periods SOLDERING TEMPERATURE 260℃±5℃/10sec.max. PEAK CURRENT 1000ms, 30ms/230VAC 1000ms, 30ms/115VAC at full load 40ms/230VAC 8ms/115VAC at full load 80 ~ 264VAC 47 ~ 440Hz 0.3A/115VAC 0.2A/230VAC 110% ~ 180% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed Touch current <80 A/264VAC μ ±0.3% ±0.5% ±0.3% ±0.5% ±0.3% ±0.5% ±0.3% ±0.5% ±0.3% ±0.5% 5V 3.3V 12V 15V 24V 2A 2.5A 0.85A 0.67A 0.42A 0 ~ 2A 0 ~ 2.5A 0 ~ 0.85A 0 ~ 0.67A 0 ~ 0.42A 10W 8.3W 10.2W 10W 10W MFM-10-3.3 ±2.5% ±2.5% ±2.5% ±2.5% ±2.5% MFM-10-5 MFM-10-12 MFM-10-15 MFM-10-24 2.75A 2.2A 0.94A 0.74A 0.46A OPERATING ALTITUDE Note.8 5000 meters 0.018Kg; 270pcs/5.8Kg/0.97CUFT 42*22.3*20.5mm (L*W*H) or 1.65 *0.88 0.8 " " 0" inch 100mVp-p 120mVp-p 180mVp-p 180mVp-p 200mVp-p 81% 78% 83% 83% 84% PEAK LOAD(10sec.) Note.3 9W 11W 11.3W 11.1W 11W COLD START 25A/115VAC 45A/230VAC rd IEC60601-1, EN60601-1, UL ANSI/AAMI ES60601-1(3.1 version), CAN/CSA-C22 3 Edition approved ; Design refer to EN60335-1 13.8 ~ 16.2V 17.3 ~ 20.3V 27.6 ~ 32.4V 5.75 ~ 6.8V 3.8 ~ 5V ℃ ℃ μ μ File Name:MFM-10-SPEC 2017-08-08 10W High Reliable Green Medical On Board Type |
Similar Part No. - MFM-10-3.3 |
|
Similar Description - MFM-10-3.3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |