Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-10-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MPM-10-12
Description  10W High Reliable Green Medical Encapsulated Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MPM-10-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MPM-10-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MPM-10-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MPM-10-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MPM-10-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
OPERATING ALTITUDE Note.8 5000 meters
SPECIFICATION
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
Note.2
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.6
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING HUMIDITY
WORKING TEMP.
OVER TEMPERATURE
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
AC CURRENT (Typ.)
20 ~ 90% RH non-condensing
-30 ~ +85℃ (Refer to "Derating Curve")
±0.03%/℃ (0 ~ 60℃)
10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
1756.2Khrs min.
MIL-HDBK-217F (25℃)
SAFETY STANDARDS
RIPPLE & NOISE (max.) Note.4
VOLTAGE TOLERANCE Note.5
ENVIRONMENT
SAFETY &
EMC
(Note 9)
PROTECTION
Protection type : Shut off o/p voltage, clamping by zener diode
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
I/P-O/P:4KVAC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
LEAKAGE CURRENT (max.) Note.7
ISOLATION LEVEL
Primary-Secondary: 2xMOPP
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
Standard
Standard
EN55011 (CISPR11)
EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Class B
Class B
Class A
-----
EMC IMMUNITY
EMC EMISSION
EN55024 , EN60601-1-2, EN61204-3
Level 3, 8KV air ; Level 4, 8KV contact
Level 3
Level 3
Level 2, 1KV/Line-Line
Level 3
Level 4
100% dip 1 periods, 30% dip 25 periods,
100% interruptions 250 periods
SOLDERING TEMPERATURE 260℃±5℃/10sec.max.
PEAK CURRENT
1000ms, 30ms/230VAC
1000ms, 30ms/115VAC at full load
40ms/230VAC
8ms/115VAC at full load
80 ~ 264VAC
47 ~ 440Hz
0.3A/115VAC
0.2A/230VAC
110% ~ 180% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Touch current <80 A/264VAC
μ
±0.3%
±0.5%
±0.3%
±0.5%
±0.3%
±0.5%
±0.3%
±0.5%
±0.3%
±0.5%
100mVp-p
120mVp-p
180mVp-p
180mVp-p
200mVp-p
5V
3.3V
12V
15V
24V
2A
2.5A
0.85A
0.67A
0.42A
0 ~ 2A
0 ~ 2.5A
0 ~ 0.85A
0 ~ 0.67A
0 ~ 0.42A
10W
8.3W
10.2W
10W
10W
MPM-10-3.3
±2.5%
±2.5%
±2.5%
±2.5%
±2.5%
81%
78%
83%
83%
84%
MPM-10-5
MPM-10-12
MPM-10-15
MPM-10-24
2.75A
2.2A
0.94A
0.74A
0.46A
M P M - 1 0 series
0.035Kg; 270pcs/10.5Kg/0.97CUFT
45.7*25.4*21.5mm (L*W*H) or 1.8*1.0"0.85" inch
PEAK LOAD(10sec.)
Note.3
9W
11W
11.3W
11.1W
11W
13.8 ~ 16.2V
17.3 ~ 20.3V
27.6 ~ 32.4V
5.8 ~ 6.8V
3.8 ~ 5V
rd
IEC60601-1, EN60601-1, UL ANSI/AAMI ES60601-1(3.1 version), CAN/CSA-C22 3 Edition approved ; Design refer to EN60335-1
℃






℃



μ
μ
COLD START 25A/115VAC
45A/230VAC
-40 ~ +1
00℃, 10 ~ 95% RH non-condensing
File Name:MPM-10-SPEC 2017-08-08
10W High Reliable Green Medical Encapsulated Type


Similar Part No. - MPM-10-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-10 MPD-MPM-10 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-10D-05 MPD-MPM-10D-05 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-10D-12 MPD-MPM-10D-12 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-10D-12IS MPD-MPM-10D-12IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10D-15 MPD-MPM-10D-15 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
More results

Similar Description - MPM-10-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPM-15 MEANWELL-MPM-15 Datasheet
585Kb / 4P
   15W High Reliable Green Medical Encapsulated Type
MPM-05 MEANWELL-MPM-05 Datasheet
571Kb / 4P
   5W High Reliable Green Medical Encapsulated Type
MPM-30 MEANWELL-MPM-30 Datasheet
595Kb / 4P
   30W High Reliable Green Medical Encapsulated Type
MPM-20 MEANWELL-MPM-20 Datasheet
544Kb / 4P
   20W High Reliable Green Medical Encapsulated Type
MFM-10 MEANWELL-MFM-10 Datasheet
567Kb / 4P
   10W High Reliable Green Medical On Board Type
MFM-05 MEANWELL-MFM-05 Datasheet
568Kb / 4P
   5W High Reliable Green Medical On Board Type
MFM-30 MEANWELL-MFM-30 Datasheet
590Kb / 4P
   30W High Reliable Green Medical On Board Type
MFM-15 MEANWELL-MFM-15 Datasheet
572Kb / 4P
   15W High Reliable Green Medical On Board Type
RPS-120 MEANWELL-RPS-120 Datasheet
760Kb / 6P
   120W Reliable Green Medical Power Supply
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
   400W Reliable Green Medical Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com