Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GEM_015 Datasheet(PDF) 9 Page - Green Power Solutions srl

Part # GEM_015
Description  Electrically insulated metal frame
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GEM_015 Datasheet(HTML) 9 Page - Green Power Solutions srl

  GEM_015 Datasheet HTML 1Page - Green Power Solutions srl GEM_015 Datasheet HTML 2Page - Green Power Solutions srl GEM_015 Datasheet HTML 3Page - Green Power Solutions srl GEM_015 Datasheet HTML 4Page - Green Power Solutions srl GEM_015 Datasheet HTML 5Page - Green Power Solutions srl GEM_015 Datasheet HTML 6Page - Green Power Solutions srl GEM_015 Datasheet HTML 7Page - Green Power Solutions srl GEM_015 Datasheet HTML 8Page - Green Power Solutions srl GEM_015 Datasheet HTML 9Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
GEM_013, _015, _017,_020 FAMILY
Document GEM_013, _015, _017,_020 FAMILYT002
Overload capability at different overload time - Tamb = 40 °C
Max output vs Tamb
300
350
400
450
500
550
600
650
700
0
50
100
150
200
250
300
350
400
450
Iout [A]
GEM_020 - Two Pulse Bridge
30 s
60 s
90 s
200
400
600
800
1000
1200
1400
1600
20
30
40
50
60
70
80
Tamb [°C]
GEM_020 - Double star
GEM_020 - Two Pulse Bridge
GEM_020 - Six Pulse Bridge
600
650
700
750
800
850
900
950
1000
0
100
200
300
400
500
600
Iout [A]
GEM_020 - Six Pulse Bridge
30 s
60 s
90 s
900
1100
1300
1500
1700
1900
2100
0
200
400
600
800
1000
1200
Iout [A]
GEM_020 - Double Star
30 s
60 s
90 s


Similar Part No. - GEM_015

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM_015 GPSEMI-GEM_015 Datasheet
2Mb / 9P
   Green Power Easy Module 짰
More results

Similar Description - GEM_015

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM07-025 GPSEMI-GEM07-025 Datasheet
766Kb / 4P
   Electrically insulated metal frame
GEM07-035 GPSEMI-GEM07-035 Datasheet
1Mb / 5P
   Electrically insulated metal frame
GEM07-018 GPSEMI-GEM07-018 Datasheet
766Kb / 4P
   Electrically insulated metal frame
logo
Infineon Technologies A...
TT120N INFINEON-TT120N Datasheet
402Kb / 11P
   Electrically insulated base plate
DD100N INFINEON-DD100N Datasheet
359Kb / 10P
   Electrically insulated base plate
2014-08-15 Revision 3.1
logo
CUI INC
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
   metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
   metal frame
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
   metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
   metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
   metal frame
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com