Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GEM_025 Datasheet(PDF) 4 Page - Green Power Solutions srl

Part # GEM_025
Description  Electrically insulated metal frame
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GEM_025 Datasheet(HTML) 4 Page - Green Power Solutions srl

  GEM_025 Datasheet HTML 1Page - Green Power Solutions srl GEM_025 Datasheet HTML 2Page - Green Power Solutions srl GEM_025 Datasheet HTML 3Page - Green Power Solutions srl GEM_025 Datasheet HTML 4Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GEM_018,_031
QUAD SCR MODULES
GEM
R
027
-
16
-
0 F 0 L P C 0 2 D L
1
2
3
4
5
6
7
8
9
10
11
12
13
1
Circuit configuration
2
GEM average current / 10
3
GEM blocking voltage / 100
4
0 = No fan
5
0 = No fuse - F = With fuse protetction
6
0 = No standard busbar available for this module; please contact factory in case of specific need
7
0 = No anti-parallel busbar - L = Anti-parallel busbar
8
0 = No pulse transformer - P = With pulse transformer *
9
0 = No fan loss detection module - C = With fan loss detection module
10
0 = No SCR fault detection module - S = SCR fault detection module (for AC-switch circuits)
11
0 = No snubber - 1 = One snubber - 2 = Two snubbers
12
0 = No fan-on-demand thermo-switch - D = Fan-on-demand thermo-switch (trip point 50 °C)
13
0 = No current transformer - L (R) = Sirio current transformer on the Left side (or on the Right side)
* Pulse transformer GT001 (dual) or GT002 (single) depending on the circuit configuration.
For pulse transformer characteristics see their specific datasheets.
Document GEM_018,_031
QUAD SCR MODULEST002
PART-NUMBERING SYSTEM


Similar Part No. - GEM_025

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM_025 GPSEMI-GEM_025 Datasheet
192Kb / 4P
   QUAD SCR MODULES
More results

Similar Description - GEM_025

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GEM07-025 GPSEMI-GEM07-025 Datasheet
766Kb / 4P
   Electrically insulated metal frame
GEM07-035 GPSEMI-GEM07-035 Datasheet
1Mb / 5P
   Electrically insulated metal frame
GEM5-013 GPSEMI-GEM5-013 Datasheet
487Kb / 9P
   Electrically insulated metal frame
logo
Infineon Technologies A...
TT120N INFINEON-TT120N Datasheet
402Kb / 11P
   Electrically insulated base plate
DD100N INFINEON-DD100N Datasheet
359Kb / 10P
   Electrically insulated base plate
2014-08-15 Revision 3.1
logo
CUI INC
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
   metal frame
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
   metal frame
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
   metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
   metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
   metal frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com