Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODLV-65A-60 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # ODLV-65A-60
Description  65W PWM Output LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ODLV-65A-60 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  ODLV-65A-60 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ODLV-65A-60 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ODLV-65A-60 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. ODLV-65A-60 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. ODLV-65A-60 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. ODLV-65A-60 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.7
0.75
0.8
0.85
0.9
0.95
1
50%
60%
70%
80%
90%
100%
277V
230V
0
2
4
6
8
10
12
14
16
18
50%
60%
70%
80%
90%
100%
277VAC
230VAC
File Name:ODLV-65-SPEC 2016-12-01
65W PWM Output LED Driver
ODLV-65 series
LOAD
OUTPUT LOAD vs TEMPERATURE
STATIC CHARACTERISTIC
TOTAL HARMONIC DISTORTION (THD)
POWER FACTOR (PF) CHARACTERISTIC
※De-rating is needed under low input voltage.
EFFICIENCY vs LOAD
LOAD
(65W)
INPUT VOLTAGE (V)
LOAD
(HORIZONTAL)
-20
-10
0
1530457585
20
40
60
80
100
(HORIZONTAL)
20
40
60
80
100
-20
-10
0
5
10
20
30
45
AMBIENT TEMPERATURE,Ta (
)
Tcase (
)
180
295
100
90
80
70
60
50
40
200
230
260
ODLV-65 series possess superior working efficiency that up to 90% can
be reached in field applications.
※ 60V Model, Tcase at 75℃
※ 60VModel, Tcase at 75℃
※ Tcase at 75℃
66
71
76
81
86
91
96
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
277V
230V


Similar Part No. - ODLV-65A-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
ODLV-45-12 MEANWELL-ODLV-45-12 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
ODLV-45-24 MEANWELL-ODLV-45-24 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
ODLV-45-36 MEANWELL-ODLV-45-36 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
ODLV-45-48 MEANWELL-ODLV-45-48 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
More results

Similar Description - ODLV-65A-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IDLV-65 MEANWELL-IDLV-65 Datasheet
270Kb / 6P
   65W PWM Output LED Driver
IDPV-65 MEANWELL-IDPV-65 Datasheet
152Kb / 6P
   65W PWM Output LED Driver
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
IDLV-45 MEANWELL-IDLV-45 Datasheet
660Kb / 6P
   45W PWM Output LED Driver
IDPV-45 MEANWELL-IDPV-45 Datasheet
158Kb / 6P
   45W PWM Output LED Driver
ODLV-45 MEANWELL-ODLV-45 Datasheet
646Kb / 6P
   45W PWM Output LED Driver
IDLV-25 MEANWELL-IDLV-25 Datasheet
262Kb / 6P
   25W PWM Output LED Driver
PWM-120-KN MEANWELL-PWM-120-KN Datasheet
189Kb / 8P
   120W PWM Output KNX LED Driver
PWM-60-KN MEANWELL-PWM-60-KN Datasheet
193Kb / 8P
   60W PWM Output KNX LED Driver
IDLC-65 MEANWELL-IDLC-65 Datasheet
200Kb / 6P
   65W Constant Current Mode LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com