Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL41S9 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # ASL41S9
Description  High Linearity LNA MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL41S9 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button ASL41S9_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL41S9_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
ASB Inc.
 sales@asb.co.kr
January 2017
ASL41S9
4.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
600
700
800
900
1000
1100
1200
MHz
Noise Figure
0.65
0.60
0.55
0.55
0.60
0.65
0.65
dB
Gain
20.5
19.5
18.5
17.6
16.7
16.0
15.4
dB
S11
-15
-20
-20
-18
-18
-18
-18
dB
S22
-18
-20
-20
-20
-20
-20
-20
dB
Output IP31)
38.0
40.0
42.0
43.0
42.0
40.0
38.0
dBm
Output P1dB
23.0
23.0
23.0
23.0
23.0
23.0
23.0
dBm
Current
90
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at the output power of +7dBm/tone separated by 1 MHz
.
4.3
Plot of S-parameter & Stability Factor
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K


Similar Part No. - ASL41S9_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9 Datasheet
508Kb / 11P
   5 ~ 4000 MHz High Linearity LNA MMIC
June 2014
More results

Similar Description - ASL41S9_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19C ASB-ASL19C_17 Datasheet
882Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL29W ASB-ASL29W_17 Datasheet
838Kb / 12P
   High Linearity LNA MMIC
April 2017
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
   DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
   5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
   5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
   5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
   5-3000 MHz High Linearity LNA MMIC
April 2014
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
   5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com