Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4P-SA03010A001200 Datasheet(PDF) 6 Page - SICK AG

Part # C4P-SA03010A001200
Description  SAFETY LIGHT CURTAINS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

C4P-SA03010A001200 Datasheet(HTML) 6 Page - SICK AG

Back Button C4P-SA03010A001200 Datasheet HTML 2Page - SICK AG C4P-SA03010A001200 Datasheet HTML 3Page - SICK AG C4P-SA03010A001200 Datasheet HTML 4Page - SICK AG C4P-SA03010A001200 Datasheet HTML 5Page - SICK AG C4P-SA03010A001200 Datasheet HTML 6Page - SICK AG C4P-SA03010A001200 Datasheet HTML 7Page - SICK AG C4P-SA03010A001200 Datasheet HTML 8Page - SICK AG C4P-SA03010A001200 Datasheet HTML 9Page - SICK AG C4P-SA03010A001200 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C4P-SA03010A001200, C4P-EA03010A001200 | deTec4 Prime
SAFETY LIGHT CURTAINS
Connection diagram
deTec4 Prime safety light curtain to UE10-3OS safety relay
+24 V
n.c
In2
In1
n.c.
n.c.
0 V
Com1
+24 V
RES
EDM
OSSD1
OSSD2
ADO
0 V
Com1
deTec4 Prime
2
3
4
5
6
1
7
8
2
1
4
5
6
3
7
8
1)
2)
H2
S1
0 V
3) PELV
+24 V
B1 B3
Y1 13 23 33 41
B2 B4
Y2 14 24 34 42
UE10-3OS
E132908/00/2015-04-07
r
s
①  Output circuits. These contacts must be incorporated into the control such that the dangerous state is brought to an end if the output circuit is
open. For categories 4 and 3, they must be incorporated on two channels (x, y paths). Single-channel incorporation into the control (z path) is only
possible with a single-channel control and taking the risk analysis into account.
②  To indicate the status on both sides, the Com1 connections from the sender and receiver must be connected to each other in the control cabi-
net (optional).
③  SELV/PELV safety/protective extra-low voltage.
6
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-21 16:38:06
Subject to change without notice


Similar Part No. - C4P-SA03010A001200

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA03010A001000 SICK-C4P-SA03010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA03010A001100 SICK-C4P-SA03010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA03010A001300 SICK-C4P-SA03010A001300 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
More results

Similar Description - C4P-SA03010A001200

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com