Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK25C48-W Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK25C48-W
Description  2K X 8 AUTOSTORE NVSRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK25C48-W Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK25C48-W Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK25C48
July 1999
3-35
AutoStore™/POWER-UP RECALL
(VCC = 5.0V ± 10%)
b
Note l:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK25C48
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power-up RECALL Duration
550
µsl
23
tSTORE
STORE Cycle Duration
10
ms
h
24
tDELAY
Time Allowed to Complete SRAM Cycle
1
µsh
25
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
26
VRESET
Low Voltage Reset Level
3.6
V
f
VCC
VSWITCH
VRESET
OWER-UP RECALL
W
DQ (DATA OUT)
AutoStore™
5V
22
tRESTORE
24
tDELAY
23
tSTORE
25
26
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
POWER-UP
RECALL
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)


Similar Part No. - STK25C48-W

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK25C48-W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com