Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK25C48-W Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STK25C48-W
Description  2K X 8 AUTOSTORE NVSRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK25C48-W Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  STK25C48-W Datasheet HTML 1Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 2Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 3Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 4Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 5Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 6Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 7Page - List of Unclassifed Manufacturers STK25C48-W Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STK25C48
July 1999
3-38
ORDERING INFORMATION
Temperature Range
Blank = Commercial (0 to 70°C)
I = Industrial (–40 to 85°C)
Access Time
20 = 20ns (Commercial only)
25 = 25ns
35 = 35ns
45 = 45ns
Package
W = Plastic 24-pin 600 mil DIP
- W 25 I
STK25C48


Similar Part No. - STK25C48-W

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK25C48-W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com