Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F060T24 Datasheet(PDF) 5 Page - Vicor Corporation

Part # B048F060T24
Description  BCM짰 Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F060T24 Datasheet(HTML) 5 Page - Vicor Corporation

  B048F060T24 Datasheet HTML 1Page - Vicor Corporation B048F060T24 Datasheet HTML 2Page - Vicor Corporation B048F060T24 Datasheet HTML 3Page - Vicor Corporation B048F060T24 Datasheet HTML 4Page - Vicor Corporation B048F060T24 Datasheet HTML 5Page - Vicor Corporation B048F060T24 Datasheet HTML 6Page - Vicor Corporation B048F060T24 Datasheet HTML 7Page - Vicor Corporation B048F060T24 Datasheet HTML 8Page - Vicor Corporation B048F060T24 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BCM® Bus Converter
Rev 3.3
vicorpower.com
Page 5 of 12
06/2014
800 927.9474
Parameter
Min
Typ
Max
Unit
Note
Primary control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
2.4
2.5
2.9
mA
Source only
Enable delay time
85
ms
Disable delay time
10
µs
See Figure 12, time from PC low to output low
Auxiliary Pins (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 12 — VOUT at full load vs. PC disable
Figure 13 — PC signal during fault
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
3.5
Mhrs
25°C, GB
Isolation specifications
Voltage
2,250
Vdc
Input to output
Capacitance
3,000
pF
Input to output
Resistance
10
Input to output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Mechanical
See mechanical drawings, Figures 15 – 18
Weight
0.53/15
oz /g
Dimensions
Length
1.28/ 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265/ 6,73
in / mm
Thermal
Overtemperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws /°C
Junction-to-case thermal impedance (RθJC)
1.1
°C / W
See Thermal Considerations on Page 10
Junction-to-board thermal impedance (RθJB)
2.1
°C / W
General
Specifications (continued)
End of Life
-ReplacedbyBCM48Bx060y240A00
B048F060T24


Similar Part No. - B048F060T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F060T24 VICOR-B048F060T24 Datasheet
566Kb / 15P
   VI Chip - BCM Mus Converter Module
B048F060T24 VICOR-B048F060T24 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F060T24 VICOR-B048F060T24 Datasheet
452Kb / 2P
   BCM Bus Converter
B048F060T24 VICOR-B048F060T24 Datasheet
572Kb / 2P
   Bus Converter Family
B048F060T24A VICOR-B048F060T24A Datasheet
1Mb / 18P
   Unregulated DC-DC Converter
More results

Similar Description - B048F060T24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCD380P475T1K2A30 VICOR-BCD380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
BCD384F120T300A00 VICOR-BCD384F120T300A00 Datasheet
767Kb / 21P
   BCM짰 Bus Converter
BCM6123E60E15A3T00 VICOR-BCM6123E60E15A3T00 Datasheet
996Kb / 28P
   BCM짰 Bus Converter
BCM6123E60E10A5T00 VICOR-BCM6123E60E10A5T00 Datasheet
1,000Kb / 29P
   BCM짰 Bus Converter
BCD380P475C1K2A30 VICOR-BCD380P475C1K2A30 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com