Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9418 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # S9418
Description  Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S9418 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button S9418 Datasheet HTML 2Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 3Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 4Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 5Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 6Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 7Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 8Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 9Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
S9418
2023 1.5 4/24/99
Symbol
Parameter
Min
Max
Unit
Test Method
VZAP
ESD Susceptibility
2000
V
MS-883, TM 3015
ILTH
Latch-Up
100
mA
JEDEC Standard 17
TDR
Data Retention
100
Years
MS-883, TM 1008
NEND
Endurance
1,000,000
Stores
MS-883, TM 1033
RELIABILITY CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
2023 PGM T3 1.1
ABSOLUTE MAXIMUM RATINGS
VDD to GND ................................................................... -0.5V to +7V
Digital Inputs to Gnd ............................................. -0.5V to VDD+0.5V
Analog Inputs to ground ........................................ -0.5V to VDD+0.5V
Digital Outputs to Gnd ........................................... -0.5V to VDD+0.5V
Analog Outputs to Gnd ......................................... -0.5V to VDD+0.5V
Temperature Under Bias ........................................... -55
°C to +125°C
Storage Temperature ................................................ -65
°C to +150°C
Lead Soldering (10 Sec Max) ................................................... 300
°C
Stresses listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions outside those
listed in the operational sections of this specification is not implied.
Exposure to any absolute maximum rating for extended periods may
affect device performance and reliability.
DC ELECTRICAL CHARACTERISTICS (over recommended operating conditions unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
IDD
Supply Current
CS = VIL
1.8
mA
during store, note 1
ISB
Standby Supply Current
CS = VIH
800
µA
IIH
Input Leakage Current
VIN = VDD
10
µA
IIL
Input Leakage Current
VIN =0V
-10
µA
VIH
High Level Input Voltage
2
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
VOH
High Level Output Voltage
IOH = -400
µAVDD-0.3
V
VOL
Low Level Output
IOL=1mA, VDD = +5V
0.4
V
Voltage
IOL= 0.4mA, VDD = +2.7V
0.4
V
Note 1: IDD is the supply current drawn while the EEPROM is being updated
2023 PGM T4 1.2
Condition
Min
Max
Temperature
-40
°C
+85
°C
VDD
+2.7V
+5.5V
RECOMMENDED OPERATING CONDITIONS
2023 PGM T2 1.1


Similar Part No. - S9418

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
S9407-AB-HBK-010 GLENAIR-S9407-AB-HBK-010 Datasheet
2Mb / 276P
   HANDBOOK OF SHIPBOARD ELECTROMAGNETIC SHIELDING PRACTICES
logo
Summit Microelectronics...
S9408 SUMMIT-S9408 Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9408P SUMMIT-S9408P Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
   High Blocking Voltage (800V MIN)
More results

Similar Description - S9418

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
logo
Summit Microelectronics...
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
   Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
   Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Catalyst Semiconductor
CAT504 CATALYST-CAT504 Datasheet
141Kb / 12P
   8-Bit Quad DACpot
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com