Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9418 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # S9418
Description  Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S9418 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button S9418 Datasheet HTML 2Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 3Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 4Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 5Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 6Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 7Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 8Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 9Page - Summit Microelectronics, Inc. S9418 Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
S9418
7
2023 1.5 4/24/99
FIGURE 5. AC TIMING DIAGRAM
tHO
tDIS
tCS
tWH
Hi Z
Hi Z
tSU
tH
tCSS
tWL
tV
CS
CLK
DI
DO
RDY/BSY
tCSH
2023 ILL7 1.0
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
fC
Clock Frequency
DC
1
MHz
tWH
Minimum CLK High Time
500
ns
tWL
Minimum CLK Low Time
300
ns
tCS
Minimum CS High Time
150
ns
tCSS
CS Setup Time
100
ns
tCSH
CS Hold Time
0
ns
tSU
Data In Setup Time
CL = 100pF
50
ns
tH
Data In Hold Time
See Note 1
50
ns
tV
Output Valid Time
150
ns
tHO
Data Out Hold Time
0
ns
tDIS
Output Disable Time
400
ns
tBUSY
Write Cycle Time
3.3
5
ms
Notes:
1. All timing measurements are defined at the point of signal crossing VDD/2.
AC ELECTRICAL CHARACTERISTICS
VDD = +4.5V to +5.5V, VREFH = VDD, VREFL = 0V, TA = -40
°C to +85°C, unless otherwise specified
2023 PGM T5 1.1


Similar Part No. - S9418

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
S9407-AB-HBK-010 GLENAIR-S9407-AB-HBK-010 Datasheet
2Mb / 276P
   HANDBOOK OF SHIPBOARD ELECTROMAGNETIC SHIELDING PRACTICES
logo
Summit Microelectronics...
S9408 SUMMIT-S9408 Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9408P SUMMIT-S9408P Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
logo
Solid State Optronic
S942 SSOUSA-S942 Datasheet
248Kb / 7P
   High Blocking Voltage (800V MIN)
More results

Similar Description - S9418

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
logo
Summit Microelectronics...
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
   Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
   Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
logo
Catalyst Semiconductor
CAT504 CATALYST-CAT504 Datasheet
141Kb / 12P
   8-Bit Quad DACpot
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com