Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM384P120T800AC0 Datasheet(PDF) 11 Page - Vicor Corporation

Part # BCM384P120T800AC0
Description  Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120T800AC0 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button BCM384P120T800AC0 Datasheet HTML 6Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 7Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 8Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 9Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 10Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 11Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 12Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 13Page - Vicor Corporation BCM384P120T800AC0 Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UG:015
vicorpower.com
Applications Engineering: 800 927.9474
Page 11
Bill of Materials
Following table describes the design specific components of all 6123 BCM
evaluation board.
Reference
Designator
Description
Manufacturer
Manufacturer
Part Number
C101
CAP ALEL 10 µF 20% 450 V RAD
United Chemi-Con
EKXG451ELL100MK20S
C102
CAP X7R .010 µF 10% 50 V 0603
Murata
Manufacturing
GRM188R71H103KA01D
D101
DLED RED 0805
Rohm
SML-211UTT86
F101
Design specific - See Table 4
F102
J101
JACK VERTICAL MECH THRU
HOLE
Tektronix
131-5031-00
J102
CONN HEADER R/A .100 8POS
30AU
TE Connectivity Ltd
5-103166-2
HS01
Design specific - See Table 4
PCB Part Number
Design specific - See Table 4
R103, R104, R105
RES 0 OHM JUMPER 1 A 0603
KOA Speer Electronics
RK73Z1JTTD
R102
RES 750 OHM 1/10W 5% 0603
KOA Speer Electronics
RK73B1JTTD751J
R101
RES 1K OHM 1/10W 1% 0603
KOA Speer Electronics
RK73H1JTTD1001F
SW101
SW Horizontal SPDT 1 POS SMD
C&K Components
GT11MSABETR
Table 3
BCM Evaluation board
components common
to all boards


Similar Part No. - BCM384P120T800AC0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384P120T800AC0 VICOR-BCM384P120T800AC0 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384P120T800AC0 VICOR-BCM384P120T800AC0 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM384P120T800AC0

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCD48BF030T210A00 VICOR-BCD48BF030T210A00 Datasheet
1Mb / 5P
   VI Chip짰 BCM짰 Customer Evaluation Board User Guide
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
logo
Vicor Corporation
BCD380P475T1K2A30 VICOR-BCD380P475T1K2A30 Datasheet
3Mb / 25P
   BCM짰 Bus Converter
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com