Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

317-87-121-41-005101 Datasheet(PDF) 3 Page - Precid-Dip Durtal SA

Part # 317-87-121-41-005101
Description  PCB CONNECTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

317-87-121-41-005101 Datasheet(HTML) 3 Page - Precid-Dip Durtal SA

  317-87-121-41-005101 Datasheet HTML 1Page - Precid-Dip Durtal SA 317-87-121-41-005101 Datasheet HTML 2Page - Precid-Dip Durtal SA 317-87-121-41-005101 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCB HOLE DIMENSIONS
- 2 mm grid: Finished hole Ø: 0.7 + 0.09/-0.06 mm | Drilled hole Ø: 0.8 ± 0.02 mm
- 2.54 mm grid: Finished hole Ø: 1 + 0.09/-0.06 mm | Drilled hole Ø: 1.15 ± 0.02 mm
PCB HOLE PLATING
- PCB surface finish: Hole plating
- Tin: 5-15 µm tin over min. 25 µm copper
- Copper: min. 25 µm copper
- Gold over nickel: 0.05-0.2 µm gold over 2.5-5 µm nickel over min. 25 µm copper
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 317-87-121-41-005101

ManufacturerPart #DatasheetDescription
logo
ITT Industries
317-8648-008 ITT-317-8648-008 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
317-8649-034 ITT-317-8649-034 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
317-8666-013 ITT-317-8666-013 Datasheet
9Mb / 301P
   D Subminiature Connectors
317-8666-014 ITT-317-8666-014 Datasheet
9Mb / 301P
   D Subminiature Connectors
317-8666-016 ITT-317-8666-016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - 317-87-121-41-005101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
   PCB CONNECTORS
logo
Precid-Dip Durtal SA
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
   PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
   PCB CONNECTORS
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
   PCB Connectors
logo
Precid-Dip Durtal SA
861 PREDIP-861 Datasheet
119Kb / 3P
   PCB CONNECTORS
346-87-164-41-036101 PREDIP-346-87-164-41-036101 Datasheet
22Kb / 3P
   PCB CONNECTORS
499-87-264-10-003101 PREDIP-499-87-264-10-003101 Datasheet
23Kb / 3P
   PCB CONNECTORS
801-87-005-10-001101 PREDIP-801-87-005-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
801-87-012-10-001101 PREDIP-801-87-012-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com