Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUB85N06-05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUB85N06-05
Description  N-Channel 60-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUB85N06-05 Datasheet(HTML) 2 Page - Vishay Siliconix

  SUB85N06-05 Datasheet HTML 1Page - Vishay Siliconix SUB85N06-05 Datasheet HTML 2Page - Vishay Siliconix SUB85N06-05 Datasheet HTML 3Page - Vishay Siliconix SUB85N06-05 Datasheet HTML 4Page - Vishay Siliconix SUB85N06-05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUP/SUB85N06-05
Vishay Siliconix
New Product
www.vishay.com
2-2
Document Number: 71113
S-20556—Rev. C, 22-Apr-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
60
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 48 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 125_C
50
mA
DSS
VDS = 48 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
120
A
VGS = 10 V, ID = 30 A
0.0044
0.0052
a
VGS = 4.5 V, ID = 20 A
0.0059
0.0072
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 125_C
0.0085
W
VGS = 10 V, ID = 30 A, TJ = 175_C
0.010
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
30
S
Dynamicb
Input Capacitance
Ciss
7560
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
1050
pF
Reverse Transfer Capacitance
Crss
570
Total Gate Chargec
Qg
155
220
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 85 A
28
nC
Gate-Drain Chargec
Qgd
DS
GS
D
44
Turn-On Delay Timec
td(on)
15
25
Rise Timec
tr
VDD = 30 V, RL = 0.4 W
90
130
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.4 W
ID ^ 85 A, VGEN = 10 V, RG = 2.5 W
95
140
ns
Fall Timec
tf
105
150
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current
IS
75
Pulsed Current
ISM
240
A
Forward Voltagea
VSD
IF = 85 A, VGS = 0 V
1.1
1.4
V
Reverse Recovery Time
trr
50
85
ns
Peak Reverse Recovery Current
IRM(REC)
IF = 85 A, di/dt = 100 A/ms
2.7
5
A
Reverse Recovery Charge
Qrr
0.067
0.21
mC
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Similar Part No. - SUB85N06-05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB85N02-03 VISHAY-SUB85N02-03 Datasheet
66Kb / 5P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 29-Dec-03
SUB85N02-03-E3 VISHAY-SUB85N02-03-E3 Datasheet
66Kb / 5P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 29-Dec-03
SUB85N02-06 VISHAY-SUB85N02-06 Datasheet
66Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. A, 24-Jul-00
SUB85N03-04P VISHAY-SUB85N03-04P Datasheet
57Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 12-Mar-02
SUB85N03-07P VISHAY-SUB85N03-07P Datasheet
72Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 10-Apr-00
More results

Similar Description - SUB85N06-05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
SUM75N06-09L VISHAY-SUM75N06-09L Datasheet
44Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
SUP75N06-07L VISHAY-SUP75N06-07L Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. F, 10-Dec-00
SUP60N06-18 VISHAY-SUP60N06-18 Datasheet
72Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. D, 24-Feb-98
SUP70N06-14 VISHAY-SUP70N06-14 Datasheet
56Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. C, 24-Feb-98
SUM110N06-05L VISHAY-SUM110N06-05L Datasheet
73Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 29-Dec-03
SUM60N06-15 VISHAY-SUM60N06-15 Datasheet
63Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 24-Nov-03
SUM110N06-3M4L VISHAY-SUM110N06-3M4L Datasheet
182Kb / 3P
   N-Channel 60-V (D-S) 175C MOSFET
02-Jul-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com