Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB667N Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB667N
Description  Photologic Slotted Optical Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB667N Datasheet(HTML) 5 Page - TT Electronics.

  OPB667N Datasheet HTML 1Page - TT Electronics. OPB667N Datasheet HTML 2Page - TT Electronics. OPB667N Datasheet HTML 3Page - TT Electronics. OPB667N Datasheet HTML 4Page - TT Electronics. OPB667N Datasheet HTML 5Page - TT Electronics. OPB667N Datasheet HTML 6Page - TT Electronics. OPB667N Datasheet HTML 7Page - TT Electronics. OPB667N Datasheet HTML 8Page - TT Electronics. OPB667N Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Storage & Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature (1/16 inch (1.6mm) from the case for 5 sec. with soldering iron)
(1)
260° C
Forward DC Current
50 mA
Peak Forward Current (1 μs pulse width, 300 pps)
3 A
Reverse DC Voltage
3 V
Power Dissipation
(2)
100 mW
Supply Voltage, VCC
18 V
Duration of Output Short to VCC
1 second
Voltage at Output
(5)
Vcc
Low Level Output Current (sinking)
16 mA
Power Dissipation
(3)
240° mW
VF
Forward Voltage
-
-
1.6
V
IF = 10 mA
IR
Reverse Current
-
-
100
μA
VR = 3 V
VCC
Operating DC Supply Voltage
4.5
-
16
V
IF(+)
LED Positive-Going
OPB615-618
Threshold Current
OPB625-628
OPB665-668
0.1
0.1
0.1
0.55
0.6
1.6
3
3
10
mA
VCC = 5 V
IF(+)/IF(-)
Hysteresis
1.05
1.20
1.90
VCC = 5 V
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Derate linearly 1.33 mW/° C above 25° C.
(3) Derate linearly 2.50 mW/° C above 25° C.
(4) Normal application would be with light source blocked, simulated by IF = 0 mA.
(5) Open Collector devices = 30 volts


Similar Part No. - OPB667N

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB667N OPTEK-OPB667N Datasheet
796Kb / 5P
   PHOTOLOGIC-R SLOTTED OPTICAL SWITCH
More results

Similar Description - OPB667N

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com