Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOA94014 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # GOA94014
Description  THREE PHASE AC-SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOA94014 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GOA94014_17 Datasheet HTML 1Page - Green Power Solutions srl GOA94014_17 Datasheet HTML 2Page - Green Power Solutions srl GOA94014_17 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1400A AC SWITCH
GOA9xx14
Cooling:
Fan type:
single phase axial
Number of fans:
2
Voltage:
230 V
Current:
0.4 A
Frequency:
50/60 Hz
Noise:
62 dBA
Document GOA9xx14T001
0
T4
T
1 phase
220V
50-60 Hz
0.5-0.6 A
K5
T2
32
T6
M 1Ph
Fan
MOTOR AC
U3
1
2
3
4
5
Y ellow-green
Blue
W
C7
1.5-2 uF
V3
81
K1
G6
T3
82
F3
FUSE
G4
Blue
Fuses
Termoswitch
R
V
C8
1.5-2 uF
K6
G2
U
F2
FUSE
Fan Loss
G3
F1
FUSE
Brown
61
G1
K2
G5
62
K4
T1
M 1Ph
Fan
MOTOR AC
K3
S
T5
31
Brown
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.


Similar Part No. - GOA94014_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOA94014-400V GPSEMI-GOA94014-400V Datasheet
174Kb / 3P
   1400A AC SWITCH
GOA94014-500V GPSEMI-GOA94014-500V Datasheet
174Kb / 3P
   1400A AC SWITCH
More results

Similar Description - GOA94014_17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT IRF-104MT Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
54MT100KB IRF-54MT100KB Datasheet
156Kb / 10P
   THREE PHASE AC SWITCH
logo
Green Power Solutions s...
GOA94004C GPSEMI-GOA94004C_17 Datasheet
101Kb / 3P
   THREE PHASE AC-SWITCH
GOA94010 GPSEMI-GOA94010_17 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009_17 Datasheet
105Kb / 2P
   THREE PHASE AC-SWITCH
GOA95002W GPSEMI-GOA95002W Datasheet
103Kb / 2P
   THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009 Datasheet
398Kb / 2P
   THREE PHASE AC-SWITCH
GOA94024 GPSEMI-GOA94024 Datasheet
332Kb / 3P
   THREE PHASE AC-SWITCH
GOA95010 GPSEMI-GOA95010 Datasheet
96Kb / 3P
   THREE PHASE AC-SWITCH
GOA95020 GPSEMI-GOA95020 Datasheet
105Kb / 3P
   THREE PHASE AC-SWITCH
GOA95024 GPSEMI-GOA95024 Datasheet
98Kb / 3P
   THREE PHASE AC-SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com