Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOB96024 Datasheet(PDF) 3 Page - Green Power Solutions srl

Part # GOB96024
Description  Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOB96024 Datasheet(HTML) 3 Page - Green Power Solutions srl

  GOB96024_17 Datasheet HTML 1Page - Green Power Solutions srl GOB96024_17 Datasheet HTML 2Page - Green Power Solutions srl GOB96024_17 Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THREE PHASE AC-DC BRIDGE
GOB96024
Cooling:
Fan type:
single phase axial
Number of fans:
2
Voltage:
230 V
Current:
0.6 A
Frequency:
50/60 Hz
Noise:
62 dBA
Document GOB96024T001
In the interest of product improvement Green Power Ssolutions reserves the right to change any specification given in this data sheet
without notice.
T1
T4
F1
F4
G1
K1
G4
K4
U
V
W
TH1
TH2
TH3
FSW1
FSW2
FSW3
FSW4
FSW5
FSW6
61
62
81
82
TH: THERMOSWITCH
FSW: BLOWN FUSE SWITCH
T1°
T4°
T2
T5
F2
F5
G2
K2
G5
K5
T2°
T5°
T3
T6
F3
F6
G3
K3
G6
K6
T3°
T6°
G1°
K1°
G4°
K4°
G2°
K2°
G5°
K5°
G3°
K3°
G6°
K6°
-
+
81-82: BLOWN FUSE SWITCH CIRCUIT CONNECTION
61-62: THERMOSWITCH CIRCUIT CONNECTION
FAN 2
FAN BOARD
31
32
U3
PE
FAN 1
V3
U3-V3: MAIN SUPPLY
31-32: FAN BOARD CONTACT (CLOSED WHEN FAN RUNNING)
PE: GROUND CONNECTION (GND)


Similar Part No. - GOB96024_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOB96024 GPSEMI-GOB96024 Datasheet
171Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
More results

Similar Description - GOB96024_17

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOB94024 GPSEMI-GOB94024_17 Datasheet
118Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96020 GPSEMI-GOB96020 Datasheet
123Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB95028 GPSEMI-GOB95028 Datasheet
228Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB95015 GPSEMI-GOB95015 Datasheet
109Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96017 GPSEMI-GOB96017 Datasheet
180Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB94020 GPSEMI-GOB94020_17 Datasheet
110Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96027 GPSEMI-GOB96027 Datasheet
112Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB94015 GPSEMI-GOB94015 Datasheet
307Kb / 3P
   Bi-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB94020 GPSEMI-GOB94020 Datasheet
305Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB96014 GPSEMI-GOB96014 Datasheet
671Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
GOB95020 GPSEMI-GOB95020 Datasheet
110Kb / 3P
   BI-DIRECTIONAL THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com