Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKMW20F-03 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SKMW20F-03
Description  200W DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKMW20F-03 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SKMW20F-03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKMW20F-03 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKMW20F-03 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKMW20F-03 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
SAFETY &
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
3.3/5Vout models: 910Khrs, Other models: 1220Khrs MIL-HDBK-217F(25
)
25.4*25.4*10.2mm (1*1*0.4 inch)
EN55032(CISPR32)
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
FILTER
PROTECTION
INTERNAL POWER DISSIPATION
VOLTAGE ACCURACY
RATED POWER
EXTERNAL TRIM ADJ. RANGE (Typ.)
SHORT CIRCUIT
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
24Vin models : 50Vdc, 48Vin models : 100Vdc
F: 9~36Vdc , G: 18~75Vdc
Fuse recommended. 24Vin models: 3A delay time Type, 48Vin models: 1.5A delay time Type
±1.5%
20W
3.3/5Vout models:
other models:
75mVp-p,
100mVp-p
±0.2%
-40 ~ +
(Refer to "Derating Curve")
85
+105
max.
20% ~ 90% RH non-condensing
Free-air convection
-55 ~ +1
, 10 ~ 95%
25
RH non-condensing
0.03% /
(0 ~ 60
)
℃℃
1.5mm from case of 1 ~ 3sec./260
max.
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:1.5KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
1500pF
500mW
3.3/5Vout models:
other models:
270KHz,
330KHz
±10% (Single output model only)
Protection type : Continuous, automatic recovery
Single output models:
0.2%, Dual output models:
1%
±±
REMOTE CONTROL
FUNCTION
Power ON: R.C. ~ -Vin >3.5~75Vdc or open circuit ; Power OFF: R.C. ~ -Vin <1.2Vdc or short
Parameter
Standard
Parameter
Standard
Test Level / Note
Test Level / Note
MTBF
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Black coated copper with non-conductive base
PACKING
18g
NOTE
1.All parameters are specified at normal input(F:24Vdc, G:48Vdc), rated load, 25 70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 0% to 100% rated load.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
File Name:SKMW20,DKMW20-SPEC 2017-03-06
UNDER VOLTAGE LOCKOUT
Start-up voltage
Shutdown voltage
24Vin (F-type): 8.8Vdc, 48Vin (G-type): 17Vdc
24Vin (F-type): 8Vdc,
48Vin (G-type): 16Vdc
20W 1"x1" Package DC-DC Regulated Converter
SKMW20 & DKMW20 series
Pi type
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Typ.)
OVER VOLTAGE
OVERLOAD
110 ~ 170% rated output power
Protection type : Clamp by diode
ISOLATION CAPACITANCE (Typ.)
EMC
(5)
Note.
N/A
Protection type : Recovers automatically after fault condition is removed
Class A
Level 2, 3V/m
Level 2,
8KV air,
4KV contact
±±
Level 2, 3V(e.m.f.)
Level 1, 0.5KV Line-Line
Level 1, 0.5KV
Level 2, 3A/m


Similar Part No. - SKMW20F-03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SKMW30 MEANWELL-SKMW30 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-03 MEANWELL-SKMW30F-03 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-05 MEANWELL-SKMW30F-05 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-12 MEANWELL-SKMW30F-12 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
SKMW30F-15 MEANWELL-SKMW30F-15 Datasheet
109Kb / 4P
   30W 1x1 Package DC-DC Regulated Converter
More results

Similar Description - SKMW20F-03

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
MORNSUN Science& Techno...
URF4805QB-200WFR3 MORNSUN-URF4805QB-200WFR3 Datasheet
2Mb / 8P
   200W, wide input voltage, isolated and regulated single output DC-DC converter
logo
GAPTEC Electronic GmbH ...
200QBW4 GAPTEC-200QBW4 Datasheet
3Mb / 6P
   200W Quarter-Brick - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Mean Well Enterprises C...
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com