Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCWN03C-05 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SCWN03C-05
Description  3W DIP Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCWN03C-05 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SCWN03C-05 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCWN03C-05 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCWN03C-05 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCWN03C-05 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
SAFETY &
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
2500Khrs MIL-HDBK-217F(25
)
31.8*20.3*10.2mm (1.25*0.8*0.4 inch)
EN55032(CISPR32)
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
FILTER
PROTECTION
INTERNAL POWER DISSIPATION
VOLTAGE ACCURACY
RATED POWER
SHORT CIRCUIT
OVERLOAD
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
5Vin models : 10Vdc ; 12Vin models : 25Vdc ; 24Vin models : 50Vdc ; 48Vin models : 100Vdc
E: 4.5~9Vdc , A: 9~18Vdc , B: 18~36Vdc , C: 36~72Vdc
Pi type
±1.5%
3W
50mVp-p
±0.5%
-40 ~ +
(Refer to "Derating Curve")
90
+100
max.
20% ~ 90% RH non-condensing
Free-air convection
-40 ~ +105
, 10 ~ 95%
RH non-condensing
0.03% /
(0 ~ 85
)
℃℃
1.5mm from case of 1 ~ 3sec./260
max.
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:3KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
250pF
500mW
Fuse recommended. 5Vin models: 1.5A Fast-Acting Type, 12Vin models: 0.8A Fast-Acting Type, 24Vin models: 0.5A Fast-Acting Type, 48Vin models: 250mA Fast-Acting Type
100KHz
Protection type : Continuous, automatic recovery
120 ~ 250% rated output power
Single output models:
0.5%, Dual output models:
1%
±±
UNDER VOLTAGE LOCKOUT
Start-up voltage
Shutdown voltage
5Vin: 4.2Vdc, 12Vin: 8Vdc,
24Vin: 16Vdc, 48Vin: 31Vdc
5Vin: 4.4Vdc, 12Vin: 8.8Vdc, 24Vin: 17Vdc, 48Vin: 34Vdc
Parameter
Standard
Parameter
Standard
Test Level / Note
Test Level / Note
MTBF
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Non-Conductive black plastic (UL 94V-0 rated)
PACKING
12.5g
NOTE
1.All parameters are specified at normal input(E:5Vdc, A:12Vdc, B:24Vdc, C:48Vdc), rated load, 25 70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load for SCWN03, 25% to 100% rated load for DCWN03.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
File Name:SCWN03,DCWN03-SPEC 2017-03-06
3W DIP Package DC-DC Regulated Converter
SCWN03 & DCWN03 series
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Min.)
Protection type : Recovers automatically after fault condition is removed
ISOLATION CAPACITANCE (Typ.)
EMC
(5)
Note.
N/A
Class A
Level 2, 3V/m
Level 2,
8KV air,
4KV contact
±±
Level 2, 3V(e.m.f.)
Level 1, 0.5KV Line-Line
Level 1, 0.5KV
Level 2, 3A/m


Similar Part No. - SCWN03C-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-03 MEANWELL-SCWN06A-03 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-05 MEANWELL-SCWN06A-05 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-12 MEANWELL-SCWN06A-12 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
SCWN06A-15 MEANWELL-SCWN06A-15 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
More results

Similar Description - SCWN03C-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
   3W DIP Package DC-DC Regulated Converter
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
MIAR03 MINMAX-MIAR03_15 Datasheet
610Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package
logo
Delta Electronics, Inc.
DE03S0503A DELTA-DE03S0503A Datasheet
214Kb / 5P
   3W DC/DC CONVERTER, DIP-Package
logo
Mean Well Enterprises C...
SPBW03 MEANWELL-SPBW03 Datasheet
116Kb / 4P
   3W SIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
   20W DIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com