Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKM10A-15 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # SKM10A-15
Description  10W 1"x1" Package DC-DC Regulated Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SKM10A-15 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  SKM10A-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SKM10A-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SKM10A-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SKM10A-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
SAFETY &
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
Conducted
EN55032(CISPR32)
Radiated
ESD
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
Radiated Susceptibility
EFT/Burest
Surge
Conducted
Magnetic Field
1200Khrs MIL-HDBK-217F(25
)
25.4*25.4*10.2mm (1*1*0.4 inch)
EN55032(CISPR32)
EMC EMISSION
VOLTAGE RANGE
SURGE VOLTAGE (100ms max.)
FILTER
PROTECTION
INTERNAL POWER DISSIPATION
VOLTAGE ACCURACY
RATED POWER
EXTERNAL TRIM ADJ. RANGE (Typ.)
SHORT CIRCUIT
INPUT
OUTPUT
PROTECTION
ENVIRONMENT
WORKING TEMP.
CASE TEMPERATURE
WORKING HUMIDITY
COOLING
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
SOLDERING TEMPERATURE
5Vin models : 12Vdc, 12Vin models : 25Vdc, 24Vin models : 50Vdc, 48Vin models : 100Vdc
E: 4.7~9Vdc , A: 9~18Vdc , B: 18~36Vdc , C: 36~75Vdc
±1.5%
10W
50mVp-p
±0.2%
-40 ~ +
(Refer to "Derating Curve")
85
+105
max.
20% ~ 90% RH non-condensing
Free-air convection
-55 ~ +1
, 10 ~ 95%
25
RH non-condensing
0.03% /
(0 ~ 71
)
℃℃
1.5mm from case of 1 ~ 3sec./260
max.
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
I/P-O/P:1.5KVDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
1000pF
500mW
350KHz
±10% (Single output model only)
Protection type : Continuous, automatic recovery
Single output models:
0.2%, Dual output models:
1%
±±
REMOTE CONTROL
FUNCTION
Power ON: R.C. ~ -Vin >5.5~75Vdc or open circuit ; Power OFF: R.C. ~ -Vin <1.2Vdc or short
Parameter
Standard
Parameter
Standard
Test Level / Note
Test Level / Note
MTBF
DIMENSION (L*W*H)
EMC IMMUNITY
OTHERS
CASE MATERIAL
Black coated copper with Non-Conductive Base
PACKING
18g
NOTE
1.All parameters are specified at normal input(E:5Vdc, A:12Vdc, B:24Vdc, C:48Vdc), rated load, 25 70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1 f & 47 f capacitor.
μμ
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.The final equipment must be re-confirm that it still meet EMC directives. For guidance on how to perform these EMC tests, please
refer to “EMI testing of component power supplies.”(as available on http://www.meanwell.com)
10W 1"x1" Package DC-DC Regulated Converter
File Name:SKM10,DKM10-SPEC 2017-03-06
OVERLOAD
Fuse recommended. 5Vin models: 5A delay time Type, 12Vin models: 4A delay time Type, 24Vin models: 2A delay time Type, 48Vin models: 1A delay time Type
110 ~ 140% rated output power
UNDER VOLTAGE LOCKOUT
Start-up voltage
Shutdown voltage
5Vin: 4.2Vdc, 12Vin: 8Vdc,
24Vin: 16Vdc, 48Vin: 32Vdc
5Vin: 4.4Vdc, 12Vin: 8.8Vdc, 24Vin: 17Vdc, 48Vin: 34Vdc
RIPPLE & NOISE
Note.2
LINE REGULATION Note.3
LOAD REGULATION Note.4
SWITCHING FREQUENCY (Typ.)
ISOLATION CAPACITANCE (Typ.)
EMC
(5)
Note.
N/A
Pi type
OVER VOLTAGE
Protection type : Clamp by diode
Protection type : Recovers automatically after fault condition is removed
Class A
Level 2, 3V/m
Level 2,
8KV air,
4KV contact
±±
Level 2, 3V(e.m.f.)
Level 1, 0.5KV Line-Line
Level 1, 0.5KV
Level 2, 3A/m
SKM10 & DKM10 series


Similar Part No. - SKM10A-15

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKM100GA123D SEMIKRON-SKM100GA123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GA163D SEMIKRON-SKM100GA163D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
123Kb / 1P
   SEMITRANS IGBT Modules New Range
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
559Kb / 4P
   IGBT Modules
SKM100GAL123D SEMIKRON-SKM100GAL123D Datasheet
566Kb / 6P
   IGBT Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com